Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4051BEY Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCF4051BEY
Description  SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4051BEY Datasheet(HTML) 4 Page - STMicroelectronics

  HCF4051BEY Datasheet HTML 1Page - STMicroelectronics HCF4051BEY Datasheet HTML 2Page - STMicroelectronics HCF4051BEY Datasheet HTML 3Page - STMicroelectronics HCF4051BEY Datasheet HTML 4Page - STMicroelectronics HCF4051BEY Datasheet HTML 5Page - STMicroelectronics HCF4051BEY Datasheet HTML 6Page - STMicroelectronics HCF4051BEY Datasheet HTML 7Page - STMicroelectronics HCF4051BEY Datasheet HTML 8Page - STMicroelectronics HCF4051BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HCF4051B
4/10
DC SPECIFICATIONS
* Determined by minimum feasible leakage measurement for automating testing.
Symbol
Parameter
Test Condition
Value
Unit
VIS
(V)
VEE
(V)
VSS
(V)
VDD
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
IL
Quiescent Device
Current (all
switches ON or all
switches OFF)
5
0.04
5
150
150
µA
10
0.04
10
300
300
15
0.04
20
600
600
20
0.08
100
3000
3000
SWITCH
RON
Resistance
0< VI <
VDD
00
5
470
1050
1200
1200
10
180
400
520
520
15
125
280
360
360
ON
Resistance
RON
(between any 2 of
4 switches)
0< VI <
VDD
00
510
10
10
15
5
OFF*
Channel Leakage
Current (All
Channel OFF)
(COMMON O/I)
00
18
±0.1
100
1000
1000
nA
OFF*
Channel Leakage
Current (Any
Channel OFF)
00
18
±0.1
100
1000
1000
nA
CI
Input Capacitance
-5
-5
5
5
pF
CO
Output
Capacitance
30
CIO
Feedthrough
0.2
CONTROL (Address or Inhibit)
VIL
Input Low Voltage
= VDD
thru
1K
VEE =VSS
RL =1KΩ
to VSS
IIS <2µA
(on all OFF
channels)
5
1.5
1.5
1.5
V
10
3
3
3
15
4
4
4
VIH
Input High Voltage
5
3.5
3.5
3.5
V
10
7
7
7
15
11
11
11
IIH, IIL Input Leakage
Current
VI = 0/18V
18
±10-3 ±0.1
±1
±1
µA
CI
Input Capacitance
5
7.5
pF


Similar Part No. - HCF4051BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4051BEY STMICROELECTRONICS-HCF4051BEY Datasheet
366Kb / 17P
   ANALOG MULTIPLEXERS-DEMULTIPLEXERS
More results

Similar Description - HCF4051BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4051 STMICROELECTRONICS-M74HC4051_08 Datasheet
361Kb / 17P
   Single 8-channel analog multiplexer/demultiplexer
M74HC4051 STMICROELECTRONICS-M74HC4051 Datasheet
232Kb / 12P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
M74HCT4051 STMICROELECTRONICS-M74HCT4051 Datasheet
309Kb / 14P
   SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Fairchild Semiconductor
CD4052BCMX FAIRCHILD-CD4052BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
CD4051B TI1-CD4051B_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4051BC FAIRCHILD-CD4051BC Datasheet
142Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer . Dual 4-Channel Analog Multiplexer/Demultiplexer . Triple 2-Channel Analog Multiplexer/Demultiplexe
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com