Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T835H-6I Datasheet(PDF) 8 Page - STMicroelectronics

Part # T835H-6I
Description  High temperature 8 A Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T835H-6I Datasheet(HTML) 8 Page - STMicroelectronics

Back Button T835H-6I Datasheet HTML 2Page - STMicroelectronics T835H-6I Datasheet HTML 3Page - STMicroelectronics T835H-6I Datasheet HTML 4Page - STMicroelectronics T835H-6I Datasheet HTML 5Page - STMicroelectronics T835H-6I Datasheet HTML 6Page - STMicroelectronics T835H-6I Datasheet HTML 7Page - STMicroelectronics T835H-6I Datasheet HTML 8Page - STMicroelectronics T835H-6I Datasheet HTML 9Page - STMicroelectronics T835H-6I Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package mechanical data
T835H, T850H
8/10
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 6.
TO-220AB and TO-220AB Ins dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88
0.024
0.034
b2
1.23
1.32
0.048
0.051
C
4.40
4.60
0.173
0.181
c1
0.49
0.70
0.019
0.027
c2
2.40
2.72
0.094
0.107
e
2.40
2.70
0.094
0.106
F
6.20
6.60
0.244
0.259
ØI
3.75
3.85
0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95
0.104
0.116
l2
1.14
1.70
0.044
0.066
l3
1.14
1.70
0.044
0.066
M2.60
0.102
C
b2
c2
F
Ø I
L
A
a1
a2
B
e
b1
I4
l3
l2
c1
M


Similar Part No. - T835H-6I

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
T835H-6I ISC-T835H-6I Datasheet
241Kb / 2P
   isc Triacs
More results

Similar Description - T835H-6I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T810H STMICROELECTRONICS-T810H Datasheet
124Kb / 10P
   High temperature 8 A sensitive TRIACs
T1235H STMICROELECTRONICS-T1235H_07 Datasheet
136Kb / 10P
   High temperature 12 A Triacs
April 2007 Rev 1
T1035H STMICROELECTRONICS-T1035H Datasheet
135Kb / 10P
   High temperature 10 A Triacs
T1635H STMICROELECTRONICS-T1635H_07 Datasheet
136Kb / 10P
   High temperature 16 A Triacs
logo
Littelfuse
QVXX16XHX LITTELFUSE-QVXX16XHX Datasheet
443Kb / 7P
   16 A High Temperature Alternistor Triacs
07/05/22
logo
STMicroelectronics
T610H STMICROELECTRONICS-T610H Datasheet
114Kb / 9P
   High temperature 6 A sensitive TRIACs
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
   Snubberless??high temperature 30 A Triacs
T410H STMICROELECTRONICS-T410H Datasheet
113Kb / 9P
   High temperature 4 A sensitive TRIACs
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
   Snubberless high temperature 30 A Triacs
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
   High temperature 20 A Snubberless??TRIACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com