Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C128B-PU Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C128B-PU
Description  Two-wire Serial EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C128B-PU Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C128B-PU Datasheet HTML 1Page - ATMEL Corporation AT24C128B-PU Datasheet HTML 2Page - ATMEL Corporation AT24C128B-PU Datasheet HTML 3Page - ATMEL Corporation AT24C128B-PU Datasheet HTML 4Page - ATMEL Corporation AT24C128B-PU Datasheet HTML 5Page - ATMEL Corporation AT24C128B-PU Datasheet HTML 6Page - ATMEL Corporation AT24C128B-PU Datasheet HTML 7Page - ATMEL Corporation AT24C128B-PU Datasheet HTML 8Page - ATMEL Corporation AT24C128B-PU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
5296A–SEEPR–1/08
AT24C128B
4.
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive-edge clock data into each EEPROM
device and negative-edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-
drain driven and may be wire-ORed with any number of other open-drain or open-collector
devices.
DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1, and A0 pins are device address inputs
that are hardwired (directly to GND or to Vcc) for compatibility with other AT24Cxx devices.
When the pins are hardwired, as many as eight 128K devices may be addressed on a single bus
system. (Device addressing is discussed in detail under “Device Addressing,” page 8.) A device
is selected when a corresponding hardware and software match is true. If these pins are left
floating, the A2, A1, and A0 pins will be internally pulled down to GND. However, due to capaci-
tive coupling that may appear during customer applications, Atmel recommends always
connecting the address pins to a known state. When using a pull-up resistor, Atmel recommends
using 10k
Ω or less.
WRITE PROTECT (WP): The write protect input, when connected to GND, allows normal write
operations. When WP is connected directly to Vcc, all write operations to the memory are inhib-
ited. If the pin is left floating, the WP pin will be internally pulled down to GND. However, due to
capacitive coupling that may appear during customer applications, Atmel recommends always
connecting the WP pins to a known state. When using a pull-up resistor, Atmel recommends
using 10k
Ω or less.


Similar Part No. - AT24C128B-PU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C128B ATMEL-AT24C128B Datasheet
682Kb / 20P
   Two-wire Serial EEPROM
AT24C128B ATMEL-AT24C128B_14 Datasheet
793Kb / 23P
   Schmitt Trigger, Filtered Inputs for Noise Suppression
More results

Similar Description - AT24C128B-PU

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com