Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4093 Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4093
Description  QUAD 2-input NAND Schmidt trigger
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4093 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4093 Datasheet HTML 2Page - STMicroelectronics HCF4093 Datasheet HTML 3Page - STMicroelectronics HCF4093 Datasheet HTML 4Page - STMicroelectronics HCF4093 Datasheet HTML 5Page - STMicroelectronics HCF4093 Datasheet HTML 6Page - STMicroelectronics HCF4093 Datasheet HTML 7Page - STMicroelectronics HCF4093 Datasheet HTML 8Page - STMicroelectronics HCF4093 Datasheet HTML 9Page - STMicroelectronics HCF4093 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
HCF4093
6/13
1.
The noise margin for both "1" and "0" level is: 1 V min. with VDD = 5 V, 2 V min. with VDD =10V, 2.5V min
with VDD =15V
a: Input on terminals 1, 5, 8, 12 or 2, 6, 9, 13; other inputs to VDD.
b: Input on terminals 1 and 2, 5 and 6, 8 and 9, or 12 and 13; other inputs to VDD.
IOH
Output drive
current
0/5
2.5
<1
5
-1.36
-3.2
-1.15
-1.1
mA
0/5
4.6
<1
5
-0.44
-1
-0.36
-0.36
0/10
9.5
<1
10
-1.1
-2.6
-0.9
-0.9
0/15
13.5
<1
15
-3.0
-6.8
-2.4
-2.4
IOL
Output sink
current
0/5
0.4
<1
5
0.44
1
0.36
0.36
mA
0/10
0.5
<1
10
1.1
2.6
0.9
0.9
0/15
1.5
<1
15
3.0
6.8
2.4
2.4
II
Input leakage
current
0/18
Any Input
18
±10-5
±0.1
±1
±1
μA
CI
Input
capacitance
Any Input
5
7.5
pF
Table 6.
DC specification (continued)
Symbol
Parameter
Test Condition
Value
Unit
VI
(V)
VO
(V)
|IO|
(
μA)
VDD
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min
Typ
Max
Min
Max
Min
Max


Similar Part No. - HCF4093

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4093 STMICROELECTRONICS-HCF4093 Datasheet
311Kb / 13P
   QUAD 2-INPUT NAND SCHMIDT TRIGGERS
HCF4093B STMICROELECTRONICS-HCF4093B Datasheet
311Kb / 13P
   QUAD 2-INPUT NAND SCHMIDT TRIGGERS
HCF4093B STMICROELECTRONICS-HCF4093B Datasheet
126Kb / 7P
   QUAD 2 INPUT NAND SCHMITT TRIGGER
HCF4093BC1 STMICROELECTRONICS-HCF4093BC1 Datasheet
311Kb / 13P
   QUAD 2-INPUT NAND SCHMIDT TRIGGERS
HCF4093BEY STMICROELECTRONICS-HCF4093BEY Datasheet
311Kb / 13P
   QUAD 2-INPUT NAND SCHMIDT TRIGGERS
More results

Similar Description - HCF4093

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4093B STMICROELECTRONICS-HCC4093B Datasheet
311Kb / 13P
   QUAD 2-INPUT NAND SCHMIDT TRIGGERS
logo
List of Unclassifed Man...
GD4093B ETC1-GD4093B Datasheet
180Kb / 2P
   QUAD 2 - INPUT NAND SCHMITT TRIGGER
logo
Texas Instruments
54F132 TI1-54F132 Datasheet
360Kb / 10P
[Old version datasheet]   Quad 2-Input NAND Schmitt Trigger
logo
ON Semiconductor
MC74VHCT132A ONSEMI-MC74VHCT132A_14 Datasheet
97Kb / 6P
   Quad 2-Input NAND Schmitt Trigger
October, 2014 ??Rev. 6
logo
NXP Semiconductors
74LVC132A PHILIPS-74LVC132A Datasheet
89Kb / 15P
   Quad 2-input NAND Schmitt trigger
Rev. 01-15 December 2006
74LV132 PHILIPS-74LV132_15 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
ON Semiconductor
MM74HC132 ONSEMI-MM74HC132 Datasheet
251Kb / 8P
   Quad 2-Input NAND Schmitt Trigger
February 2008 Rev. 1.3.0
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LVC132A NEXPERIA-74LVC132A Datasheet
244Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 4 - 6 July 2020
logo
Fairchild Semiconductor
MM74HC132 FAIRCHILD-MM74HC132 Datasheet
86Kb / 7P
   Quad 2-Input NAND Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com