Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC4060 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M54HC4060
Description  RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4060 Datasheet(HTML) 5 Page - STMicroelectronics

  M54HC4060_04 Datasheet HTML 1Page - STMicroelectronics M54HC4060_04 Datasheet HTML 2Page - STMicroelectronics M54HC4060_04 Datasheet HTML 3Page - STMicroelectronics M54HC4060_04 Datasheet HTML 4Page - STMicroelectronics M54HC4060_04 Datasheet HTML 5Page - STMicroelectronics M54HC4060_04 Datasheet HTML 6Page - STMicroelectronics M54HC4060_04 Datasheet HTML 7Page - STMicroelectronics M54HC4060_04 Datasheet HTML 8Page - STMicroelectronics M54HC4060_04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
M54HC4060
5/12
Table 6: AC Electrical Characteristics (CL = 50 pF, Input tr =tf = 6ns)
Table 7: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH tTHL Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tPLH tPHL Propagation Delay
Time
(ØI - Q4)
2.0
170
300
375
450
ns
4.5
41
60
75
90
6.0
30
51
64
76
tPD
Propagation Delay
Time Difference
(Qn - Qn+1)
2.0
32
75
95
110
ns
4.5
7
15
19
22
6.0
5
13
16
19
tPHL
Propagation Delay
Time
(CLEAR - Qn)
2.0
85
195
245
295
ns
4.5
23
39
49
59
6.0
17
33
42
50
fMAX
Maximum Clock
Frequency
2.0
6
12
5
4
MHz
4.5
30
502420
6.0
35
652824
tW(H)
tW(L)
Minimum Pulse
Width (ØI)
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tW(H)
Minimum Pulse
Width (CLEAR)
2.0
30
75
95
110
ns
4.5
8
15
19
22
6.0
7
13
16
19
tREM
Minimum Removal
Time
2.0
40
100
125
150
ns
4.5
10
20
25
30
6.0
9
17
21
26
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
5.0
5
10
10
10
pF
CPD
Power Dissipation
Capacitance (note
1)
5.0
27
pF


Similar Part No. - M54HC4060_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4060D STMICROELECTRONICS-M54HC4060D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC4060F1R STMICROELECTRONICS-M54HC4060F1R Datasheet
257Kb / 12P
   14 STAGE BINARY COUNTER/OSCILLATOR
M54HC4060K STMICROELECTRONICS-M54HC4060K Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC4060_04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4020 STMICROELECTRONICS-M54HC4020_04 Datasheet
332Kb / 11P
   RAD-HARD 14 STAGE BINARY COUNTER
M54HC4040 STMICROELECTRONICS-M54HC4040 Datasheet
240Kb / 11P
   RAD-HARD 12 STAGE BINARY COUNTER
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
logo
KODENSHI_AUK CORP.
KK74HC4060A KODENSHI-KK74HC4060A Datasheet
372Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060 Datasheet
257Kb / 12P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
Integral Corp.
IN74HC4060A INTEGRAL-IN74HC4060A Datasheet
356Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
IK Semicon Co., Ltd
IN74HC4060A IKSEMICON-IN74HC4060A Datasheet
289Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M54HC393 STMICROELECTRONICS-M54HC393_04 Datasheet
331Kb / 12P
   RAD-HARD DUAL BINARY COUNTER
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com