Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC4060 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4060
Description  RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4060 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4060 Datasheet HTML 1Page - STMicroelectronics M54HC4060 Datasheet HTML 2Page - STMicroelectronics M54HC4060 Datasheet HTML 3Page - STMicroelectronics M54HC4060 Datasheet HTML 4Page - STMicroelectronics M54HC4060 Datasheet HTML 5Page - STMicroelectronics M54HC4060 Datasheet HTML 6Page - STMicroelectronics M54HC4060 Datasheet HTML 7Page - STMicroelectronics M54HC4060 Datasheet HTML 8Page - STMicroelectronics M54HC4060 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
May 2004
s
HIGH SPEED:
fMAX = 65MHz (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 4060
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9204-076
DESCRIPTION
The M54HC4060 is an high speed CMOS
14-STAGE
BINARY
COUNTER/OSCILLATOR
fabricated with silicon gate C2MOS technology.
The oscillator configuration allows design of either
RC or crystal oscillator circuits. A high level on the
CLEAR accomplishes the reset function, i.e. all
counter outputs are made low and the oscillator is
disabled.
A negative transition on the clock input increments
the counter. Ten kinds of divided output are
provided; 4 to 10 and 12 to 14 stage inclusive. The
maximum division available at Q12 is 1/16384 f
oscillator.
The Ø1 input and the CLEAR input are equipped
with protection circuits against static discharge
and transient excess voltage.
M54HC4060
RAD-HARD 14 STAGE BINARY COUNTER/OSCILLATOR
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC4060D
M54HC4060D1
FPC
M54HC4060K
M54HC4060K1
DILC-16
FPC-16
Rev. 1


Similar Part No. - M54HC4060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060 Datasheet
257Kb / 12P
   14 STAGE BINARY COUNTER/OSCILLATOR
M54HC4060 STMICROELECTRONICS-M54HC4060 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC4060D STMICROELECTRONICS-M54HC4060D Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC4060F1R STMICROELECTRONICS-M54HC4060F1R Datasheet
257Kb / 12P
   14 STAGE BINARY COUNTER/OSCILLATOR
M54HC4060K STMICROELECTRONICS-M54HC4060K Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
More results

Similar Description - M54HC4060

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4020 STMICROELECTRONICS-M54HC4020_04 Datasheet
332Kb / 11P
   RAD-HARD 14 STAGE BINARY COUNTER
M54HC4040 STMICROELECTRONICS-M54HC4040 Datasheet
240Kb / 11P
   RAD-HARD 12 STAGE BINARY COUNTER
M74HC4060RM13TR STMICROELECTRONICS-M74HC4060RM13TR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
M74HC4060TTR STMICROELECTRONICS-M74HC4060TTR Datasheet
564Kb / 16P
   14-stage binary counter/oscillator
logo
KODENSHI_AUK CORP.
KK74HC4060A KODENSHI-KK74HC4060A Datasheet
372Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M54HC4060 STMICROELECTRONICS-M54HC4060 Datasheet
257Kb / 12P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
Integral Corp.
IN74HC4060A INTEGRAL-IN74HC4060A Datasheet
356Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
IK Semicon Co., Ltd
IN74HC4060A IKSEMICON-IN74HC4060A Datasheet
289Kb / 8P
   14 STAGE BINARY COUNTER/OSCILLATOR
logo
STMicroelectronics
M54HC393 STMICROELECTRONICS-M54HC393_04 Datasheet
331Kb / 12P
   RAD-HARD DUAL BINARY COUNTER
logo
Fairchild Semiconductor
MM74HC4020 FAIRCHILD-MM74HC4020 Datasheet
98Kb / 9P
   14-Stage Binary Counter 12-Stage Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com