Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW14NK60Z Datasheet(PDF) 9 Page - STMicroelectronics

Part # STW14NK60Z
Description  N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW14NK60Z Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STW14NK60Z Datasheet HTML 5Page - STMicroelectronics STW14NK60Z Datasheet HTML 6Page - STMicroelectronics STW14NK60Z Datasheet HTML 7Page - STMicroelectronics STW14NK60Z Datasheet HTML 8Page - STMicroelectronics STW14NK60Z Datasheet HTML 9Page - STMicroelectronics STW14NK60Z Datasheet HTML 10Page - STMicroelectronics STW14NK60Z Datasheet HTML 11Page - STMicroelectronics STW14NK60Z Datasheet HTML 12Page - STMicroelectronics STW14NK60Z Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
STP14NK60Z - STP14NK60ZFP - STB14NK60Z - STB14NK60Z-1 - STW14NK60Z
TO-247 MECHANICAL DATA
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.6
0.017
0.023
C2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
D1
8
0.315
E
10
10.4
0.393
E1
8.5
0.334
G
4.88
5.28
0.192
0.208
L
15
15.85
0.590
0.625
L2
1.27
1.4
0.050
0.055
L3
1.4
1.75
0.055
0.068
M
2.4
3.2
0.094
0.126
R0.4
0.015
V2
D2PAK MECHANICAL DATA


Similar Part No. - STW14NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW14NK60Z STMICROELECTRONICS-STW14NK60Z Datasheet
623Kb / 19P
   N-channel 600V - 0.45廓 - 13.5A TO-220/FP-D2/I2PAK-TO-247 Zener-protected SuperMESHTM Power MOSFET
More results

Similar Description - STW14NK60Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
   N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
   N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
STP14NK60Z STMICROELECTRONICS-STP14NK60Z_07 Datasheet
623Kb / 19P
   N-channel 600V - 0.45廓 - 13.5A TO-220/FP-D2/I2PAK-TO-247 Zener-protected SuperMESHTM Power MOSFET
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
   N-channel 500V - 0.30廓 - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STP14NK50Z STMICROELECTRONICS-STP14NK50Z Datasheet
673Kb / 14P
   N-CHANNEL 500V-0.34ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
March 2003
STP9NK70Z STMICROELECTRONICS-STP9NK70Z Datasheet
664Kb / 14P
   N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
April 2002
STP9NK60Z STMICROELECTRONICS-STP9NK60Z Datasheet
581Kb / 13P
   N-CHANNEL 600V - 0.85ohm - 7A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
June 2002
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
   N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
   N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB10NK60Z STMICROELECTRONICS-STB10NK60Z Datasheet
409Kb / 19P
   N-channel 600V - 0.65OHM - 10A - I2/D2PAK - TO-220/FP - TO-247 Zener-protected SuperMESH TM Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com