Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1130 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT1130
Description  2.5MHz 500mA Step-Down DC/DC Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1130 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT1130 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1130 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
AAT1130
2.5MHz 500mA Step-Down DC/DC Converter
SwitchRegTM
PRODUCT DATASHEET
2
1130.2008.08.1.1
www .analogictech.com
AAT1130
2.5MHz 500mA Step-Down DC/DC Converter
SwitchRegTM
PRODUCT DATASHEET
2
1130.2008.08.1.1
www .analogictech.com
Pin Descriptions
Adj.
Fixed
Symbol
Function
1
n/a
FB
Output voltage feedback input. FB senses the output voltage through a resistor voltage
divider circuit. Connect the voltage divider from the output voltage to FB. The feedback
threshold is 0.6V. (Adjustable output voltage versions only)
2
2
VOUT
Output voltage feedback input. VOUT senses the output voltage. Connect VOUT to the
output voltage node to regulate the output voltage.
3
3
VCC
Input supply voltage. Connect VCC to the input supply voltage.
44
VP
Power input supply voltage. Connect VP to the VCC pin, and to the input supply voltage.
Bypass VP to PGND with a 2.2μF or greater capacitor.
55
LX
Switching node. Connect the LC filter between LX and the load. LX is internally connected
to the drain of the p-channel MOSFET switch and n-channel MOSFET synchronous rectifier.
6
1
EN
Enable input. Active logic high.
n/a
6
PGND
Power ground. Connect PGND to GND at a single point as close to the AAT1130 as possible.
7, 8, 9, 10
7, 8, 9, 10
GND
Ground. For fixed version, connect GND to PGND at a single point as close to the
AAT1130-xx as possible.
Pin Configuration
SC70JW-10
(Top View)
Adjustable Output
Fixed Output
Voltage Version
Voltage Version
1
2
3
4
5
12
11
10
9
8
FB
VOUT
VCC
VP
LX
GND
GND
GND
GND
EN
1
2
3
4
5
10
9
8
7
6
EN
VOUT
VCC
VP
LX
GND
GND
GND
GND
PGND


Similar Part No. - AAT1130

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1130 SKYWORKS-AAT1130 Datasheet
2Mb / 18P
   2.5MHz 400mA Step-Down DC/DC Converter
AAT1130IJQ-0.6-T1 SKYWORKS-AAT1130IJQ-0.6-T1 Datasheet
2Mb / 18P
   2.5MHz 400mA Step-Down DC/DC Converter
More results

Similar Description - AAT1130

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT1130 SKYWORKS-AAT1130 Datasheet
2Mb / 18P
   2.5MHz 400mA Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
ELM Technology Corporat...
ELM630BA ELM-TECH-ELM630BA Datasheet
769Kb / 7P
   1.5A 5.5V 2.5MHz Synchronous step down DC/DC converter
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
HY-LINE Power Component...
P78A1R5 HY-LINE-P78A1R5 Datasheet
327Kb / 2P
   500mA DC-DC Step Down Converter P78A-Series
Rev: 4.08 f
logo
National Semiconductor ...
LM2619 NSC-LM2619 Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Linear Technology
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Silicon Standard Corp.
SS6631 SSC-SS6631 Datasheet
596Kb / 11P
   500mA Step-Up DC/DC Converter
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com