Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1149 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT1149
Description  3MHz Fast Transient 400mA Step-Down Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1149 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT1149 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1149 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AAT1149
3MHz Fast Transient 400mA Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
8
1149.2008.08.1.3
www .analogictech.com
AAT1149
3MHz Fast Transient 400mA Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
8
1149.2008.08.1.3
www .analogictech.com
Typical Characteristics
Load Transient
(VOUT = 1.1V; No Feedforward Capacitor)
Time (50µs/div)
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
1mA
400mA
Load Transient
(VOUT = 1.1V; CFF = 100pF)
Time (50µs/div)
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
1mA
400mA
Load Transient
(VOUT = 1.8V; No Feedforward Capacitor)
Time (50µs/div)
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
0.00
0.25
0.75
1.00
1.25
1.50
1.75
2.00
10mA
400mA
Load Transient
(VOUT = 1.8V; CFF = 100pF)
Time (50µs/div)
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
10mA
400mA
Load Transient
(VOUT = 1.8V; No Feedforward Capacitor)
Time (50µs/div)
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
400mA
1mA
Load Transient
(VOUT = 1.8V; CFF = 100pF)
Time (50µs/div)
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
400mA
1mA


Similar Part No. - AAT1149

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1149 ANALOGICTECH-AAT1149 Datasheet
1Mb / 20P
   3MHz Fast Transient 400mA Step-Down Converter
AAT1149A ANALOGICTECH-AAT1149A Datasheet
1Mb / 17P
   2.2MHz Fast Transient 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1149A SKYWORKS-AAT1149A Datasheet
1Mb / 17P
   Ultra-Small 0603 Inductor
logo
Advanced Analogic Techn...
AAT1149AIUV-1.875-T1 ANALOGICTECH-AAT1149AIUV-1.875-T1 Datasheet
1Mb / 17P
   2.2MHz Fast Transient 400mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1149AIUV-1.875-T1 SKYWORKS-AAT1149AIUV-1.875-T1 Datasheet
1Mb / 17P
   Ultra-Small 0603 Inductor
More results

Similar Description - AAT1149

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1149 ANALOGICTECH-AAT1149 Datasheet
1Mb / 20P
   3MHz Fast Transient 400mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN22 SIGE-AATIAN22 Datasheet
850Kb / 11P
   3MHz Fast Transient 400mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1146 ANALOGICTECH-AAT1146 Datasheet
767Kb / 20P
   Fast Transient 400mA Step-Down Converter
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
   Fast Transient 400mA Step-Down Converter
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
   3MHz,Fast Transient 2A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1149A ANALOGICTECH-AAT1149A Datasheet
1Mb / 17P
   2.2MHz Fast Transient 400mA Step-Down Converter
AAT1149B ANALOGICTECH-AAT1149B Datasheet
1Mb / 17P
   2.2MHz Fast Transient 400mA Step-Down Converter
AAT1147 ANALOGICTECH-AAT1147 Datasheet
645Kb / 19P
   High Efficiency, Low Noise, Fast Transient 400mA Step-Down Converter
AAT2113A ANALOGICTECH-AAT2113A Datasheet
2Mb / 19P
   3MHz, Fast Transient 1.5A Step-Down Converter in 2mm x 2mm Package
logo
Richtek Technology Corp...
RT8048 RICHTEK-RT8048 Datasheet
162Kb / 11P
   3MHz 1A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com