Electronic Components Datasheet Search
Selected language     English  ā–¼


LM334 Datasheet(PDF) 2 Page - STMicroelectronics

Part No. LM334
Description  Three terminal adjustable current sources
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 
 2 page
background image
Schematic diagram
LM134-LM234-LM334
2/16
1
Schematic diagram
Figure 1.
Schematic diagram
2
Absolute maximum ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
LM134
LM234
LM334
Unit
Voltage V+ to V-
Forward
Reverse
40
20
30
20
V
VADJ
-
ADJ pin to V- voltage
5
V
Iset
Set current
10
mA
Ptot
Power dissipation
400
mW
Tstg
Storage temperature range
-65 to +150
Ā°C
Toper
Operating free-air temperature range
-55 to +125
-25 to +100
0 to +70
Ā°C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM134_03THREE TERMINAL ADJUSTABLE CURRENT SOURCES 1 2 3 4 5 MoreSTMicroelectronics
LM134_053-Terminal Adjustable Current Sources 1 2 3 4 5 MoreNational Semiconductor (TI)
OM7603SMThree Terminal Adjustable Voltage 1.0 Amp Precision Negative Regulator In A Hermetic Surface Mount Package 1 2 International Rectifier
OM7603STThree Terminal Adjustable Voltage 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package 1 2 3 4 List of Unclassifed Manufacturers
OM185SMThree Terminal Adjustable Low Dropout 2.0 Amp And 1.0 Amp Positive Voltage Regulators 1 2 3 4 International Rectifier
TS925RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER With Standby Mode and Adjustable Phantom Ground 1 2 3 4 5 MoreSTMicroelectronics
LTI602T200 V - 1 000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time 1 2 Voltage Multipliers Inc.
TA7805F_075 V 5.7 V 6 V 7 V 8 V 9 V 10 V 12 V 15 V 18 V 20 V 24 V Three Terminal Positive Voltage Regulators 1 2 3 4 5 MoreToshiba Semiconductor
3102200 V - 1 000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time 1 2 Voltage Multipliers Inc.
AS36914 Precision 400mA Current Sources for RGB and Single Color Leds 1 2 3 ams AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl