Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM137K Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM137K
Description  Three-terminal adjustable negative voltage regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM137K Datasheet(HTML) 5 Page - STMicroelectronics

  LM137K Datasheet HTML 1Page - STMicroelectronics LM137K Datasheet HTML 2Page - STMicroelectronics LM137K Datasheet HTML 3Page - STMicroelectronics LM137K Datasheet HTML 4Page - STMicroelectronics LM137K Datasheet HTML 5Page - STMicroelectronics LM137K Datasheet HTML 6Page - STMicroelectronics LM137K Datasheet HTML 7Page - STMicroelectronics LM137K Datasheet HTML 8Page - STMicroelectronics LM137K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LM137 - LM337
Maximum ratings
5/18
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI - VO
Input output voltage differential
40
V
IO
Output current
1.5
A
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
- 65 to 150
°C
TOP
Operating junction temperature range
LM137
- 55 to 150
°C
LM337
0 to 125
Table 3.
Thermal data
Symbol
Parameter
TO-220
TO-3
Unit
RthJC
Thermal resistance junction-case max.
3
4
°C/W
RthJA
Thermal resistance junction-ambient max.
70
35
°C/W


Similar Part No. - LM137K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM137K STMICROELECTRONICS-LM137K Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
logo
Seme LAB
LM137K SEME-LAB-LM137K Datasheet
43Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
LM137K SEME-LAB-LM137K Datasheet
305Kb / 7P
   NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
National Semiconductor ...
LM137K/883 NSC-LM137K/883 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137K/883 TI1-LM137K/883 Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results

Similar Description - LM137K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
logo
KEC(Korea Electronics)
KIA79L05F KEC-KIA79L05F Datasheet
285Kb / 14P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Motorola, Inc
MC7900 MOTOROLA-MC7900 Datasheet
186Kb / 12P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL79 INTEGRAL-IL79 Datasheet
136Kb / 5P
   THREE-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7905CT MCC-MC7905CT Datasheet
166Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7905CT MCC-MC7905CT_11 Datasheet
264Kb / 6P
   Three-Terminal Negative Voltage Regulators
MC7915CT MCC-MC7915CT Datasheet
449Kb / 5P
   Three-Terminal Negative Voltage Regulators
logo
Toshiba Semiconductor
TA79L005P TOSHIBA-TA79L005P_06 Datasheet
446Kb / 16P
   Three-Terminal Negative Voltage Regulators
logo
KEC(Korea Electronics)
KIA79L05BP KEC-KIA79L05BP Datasheet
263Kb / 13P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
NEC
UPC79L00 NEC-UPC79L00 Datasheet
286Kb / 10P
   THREE TERMINAL NEGATIVE VOLTAGE REGULATORS????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com