Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM238K Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM238K
Description  Three-terminal 5 A adjustable voltage regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM238K Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM238K Datasheet HTML 7Page - STMicroelectronics LM238K Datasheet HTML 8Page - STMicroelectronics LM238K Datasheet HTML 9Page - STMicroelectronics LM238K Datasheet HTML 10Page - STMicroelectronics LM238K Datasheet HTML 11Page - STMicroelectronics LM238K Datasheet HTML 12Page - STMicroelectronics LM238K Datasheet HTML 13Page - STMicroelectronics LM238K Datasheet HTML 14Page - STMicroelectronics LM238K Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LM138 - LM238 - LM338
Typical characteristics
11/23
Figure 15.
Line transient response
Figure 16.
Load transient response


Similar Part No. - LM238K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM238K STMICROELECTRONICS-LM238K Datasheet
186Kb / 12P
   THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
LM238K STMICROELECTRONICS-LM238K Datasheet
1Mb / 23P
   Three-terminal 5 A adjustable voltage regulators
More results

Similar Description - LM238K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM138K STMICROELECTRONICS-LM138K Datasheet
1Mb / 23P
   Three-terminal 5 A adjustable voltage regulators
LM138 STMICROELECTRONICS-LM138 Datasheet
186Kb / 12P
   THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
LM323 STMICROELECTRONICS-LM323_08 Datasheet
725Kb / 15P
   Three-terminal 3 A adjustable voltage regulators
LM150 STMICROELECTRONICS-LM150 Datasheet
103Kb / 7P
   THREE-TERMINAL 3 A ADJUSTABLE VOLTAGE REGULATORS
March 1993
LM350 STMICROELECTRONICS-LM350_08 Datasheet
586Kb / 14P
   Three-terminal 3 A adjustable voltage regulators
LM137 STMICROELECTRONICS-LM137 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
LM137 STMICROELECTRONICS-LM137_08 Datasheet
1,005Kb / 18P
   Three-terminal adjustable negative voltage regulators
logo
Micropac Industries
42051 MICROPAC-42051 Datasheet
254Kb / 3P
   5 A FIXED THREE TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com