Electronic Components Datasheet Search
Selected language     English  ▼


LM334DT Datasheet(PDF) 7 Page - STMicroelectronics

Part No. LM334DT
Description  Three terminal adjustable current sources
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 7 page
background image
LM134-LM234-LM334
Application information
7/16
4.6
Sensing temperature
The LM134, LM234, LM334 are excellent remote controlled temperature sensors because
their operation as current sources preserves their accuracy even in the case of long
connecting wires. The output current is directly proportional to the absolute temperature in
Kelvin degrees according to the following equation.
The calibration of the LM134, LM234, LM334 is simplified by the fact that most of the initial
accuracy is due to gain limitation (slope error) and not an offset. Gain adjustment is a one
point trim because the output of the device extrapolates to zero at 0°K.
Figure 10.
Device calibration
This particularity of the LM134, LM234, LM334 is illustrated in the above diagram. Line abc
represents the sensor current before adjustment and line a’b’c’ represents the desired
output. A gain adjustment provided at T2 will move the output from b to b’ and will correct
the slope at the same time so that the output at T1 and T3 will be correct. This gain
adjustment can be carried out by means of Rset or the load resistor used in the circuit. After
adjustment, the slope error should be less than 1%. A low temperature coefficient for Rset is
necessary to keep this accuracy. A 33ppm/°C temperature drift of Rset will give an error of
1% on the slope because the resistance follows the same temperature variations as the
LM134, LM234, LM334.
Three wires are required to isolate Rset from the LM134, LM234, LM334. Since this solution
is not recommended, metal-film resistors with a drift of less than 20ppm/°C are now
available. Wirewound resistors can be used when very high stability is required.
I
set =
227µV/°K) (T
()
R
set
-----------------------------------------




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM134_03THREE TERMINAL ADJUSTABLE CURRENT SOURCES 1 2 3 4 5 MoreSTMicroelectronics
LM134_053-Terminal Adjustable Current Sources 1 2 3 4 5 MoreNational Semiconductor (TI)
OM7603SMThree Terminal Adjustable Voltage 1.0 Amp Precision Negative Regulator In A Hermetic Surface Mount Package 1 2 International Rectifier
OM7603STThree Terminal Adjustable Voltage 1.5 Amp Precision Negative Regulator In Hermetic JEDEC TO-257AA Package 1 2 3 4 List of Unclassifed Manufacturers
OM185SMThree Terminal Adjustable Low Dropout 2.0 Amp And 1.0 Amp Positive Voltage Regulators 1 2 3 4 International Rectifier
TS925RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER With Standby Mode and Adjustable Phantom Ground 1 2 3 4 5 MoreSTMicroelectronics
LTI602T200 V - 1 000 V Three Phase Bridge 30.0 A - 40.0 A Forward Current 70 ns - 3000 ns Recovery Time 1 2 Voltage Multipliers Inc.
TA7805F_075 V 5.7 V 6 V 7 V 8 V 9 V 10 V 12 V 15 V 18 V 20 V 24 V Three Terminal Positive Voltage Regulators 1 2 3 4 5 MoreToshiba Semiconductor
3102200 V - 1 000 V Three Phase Bridge 2.0 A Forward Current 70 ns - 3000 ns Recovery Time 1 2 Voltage Multipliers Inc.
AS36914 Precision 400mA Current Sources for RGB and Single Color Leds 1 2 3 ams AG

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl