Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1230IRN Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT1230IRN
Description  18V 100mA Step-Up Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1230IRN Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT1230IRN Datasheet HTML 6Page - Advanced Analogic Technologies AAT1230IRN Datasheet HTML 7Page - Advanced Analogic Technologies AAT1230IRN Datasheet HTML 8Page - Advanced Analogic Technologies AAT1230IRN Datasheet HTML 9Page - Advanced Analogic Technologies AAT1230IRN Datasheet HTML 10Page - Advanced Analogic Technologies AAT1230IRN Datasheet HTML 11Page - Advanced Analogic Technologies AAT1230IRN Datasheet HTML 12Page - Advanced Analogic Technologies AAT1230IRN Datasheet HTML 13Page - Advanced Analogic Technologies AAT1230IRN Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AAT1230/1230-1
18V 100mA Step-Up Converter
10
1230.2007.06.1.6
Application Information
Selecting the Output Diode
To ensure minimum forward voltage drop and no
recovery, high voltage Schottky diodes are consid-
ered the best choice for the AAT1230/1230-1 boost
converter.
The AAT1230/1230-1 output diode is
sized to maintain acceptable efficiency and reason-
able operating junction temperature under full load
operating conditions.
Forward voltage (V
F) and
package thermal resistance (
θ
JA) are the dominant
factors to consider in selecting a diode. The diode's
published current rating may not reflect actual oper-
ating conditions and should be used only as a com-
parative measure between similarly rated devices.
20V rated Schottky diodes are recommended for
outputs less than 15V, while 30V rated Schottky
diodes are recommended for outputs greater than
15V.
The switching period is divided between ON and
OFF time intervals.
During the ON time, the N-channel power MOS-
FET is conducting and storing energy in the boost
inductor.
During the OFF time, the N-channel
power MOSFET is not conducting. Stored energy is
transferred from the input battery and boost induc-
tor to the output load through the output diode.
Duty cycle is defined as the ON time divided by the
total switching interval.
The maximum duty cycle can be estimated from
the relationship for a continuous mode boost con-
verter.
Maximum duty cycle (D
MAX) is the duty
cycle at minimum input voltage (V
IN(MIN)).
The average diode current during the OFF time can
be estimated.
The following curves show the V
F characteristics
for different Schottky diodes (100°C case). The V
F
of the Schottky diode can be estimated from the
average current during the off time.
= TON + TOFF
1
FS
TON
TON + TOFF
D =
= TON ⋅ FS
VOUT - VIN(MIN)
VOUT
DMAX =
IOUT
1 - DMAX
IAVG(OFF) =
Figure 1: AAT1230/1230-1 Demo Board Schematic.
LIN
12
FB1
11
FB2
10
GND
9
PGND
8
SW
7
SW
6
N/C
5
VIN
4
SEL
3
EN/SET
2
VP
1
U1
1
2
3
JP1
1
2
3
JP2
VIN
U1 AAT1230/1230-1 TSOPJW12
C1 10V 0603 2.2μF
C2 25V 0805 2.2μF
D1 30V 0.5A MBR0530T1 SOD-123
L1 2.2μH SD3814-2R2
R1 78.7k 0603
R2 562 0603
R3 4.99k 0603
R4 10k 0603
L1
2.2μH
D1
Schottky
R1
78.7k
C2
2.2μF
C1
2.2μF
VOUT
R2
562
R3
4.99k
R4
10K
Select
Enable


Similar Part No. - AAT1230IRN

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1230IRN-T1 ANALOGICTECH-AAT1230IRN-T1 Datasheet
604Kb / 21P
   18V 100mA Step-Up Converter
logo
Skyworks Solutions Inc.
AAT1230IRN-T1 SKYWORKS-AAT1230IRN-T1 Datasheet
1Mb / 21P
   18V, 100mA Step-Up Converter
June 12, 2012
More results

Similar Description - AAT1230IRN

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1230 ANALOGICTECH-AAT1230 Datasheet
492Kb / 21P
   18V 100mA Step-Up Converter
AAT1230_0610 ANALOGICTECH-AAT1230_0610 Datasheet
604Kb / 21P
   18V 100mA Step-Up Converter
AAT1232 ANALOGICTECH-AAT1232 Datasheet
442Kb / 17P
   24V 100mA Step-Up Converter
AAT1232 ANALOGICTECH-AAT1232_07 Datasheet
370Kb / 18P
   24V 100mA Step-Up Converter
logo
SiGe Semiconductor, Inc...
AATIAN35 SIGE-AATIAN35 Datasheet
362Kb / 6P
   18V/10V 100mA Boost Converter
logo
ams AG
AS1345 AMSCO-AS1345 Datasheet
517Kb / 29P
   18V, High Efficiency, DC-DC Step-Up Converter
logo
Holtek Semiconductor In...
HT7718S HOLTEK-HT7718S_16 Datasheet
1Mb / 25P
   100mA PFM Synchronous Step-up DC/DC Converter
HT7718S HOLTEK-HT7718S Datasheet
2Mb / 29P
   100mA PFM Synchronous Step-up DC/DC Converter
HT7718 HOLTEK-HT7718_16 Datasheet
406Kb / 16P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
HT7718 HOLTEK-HT7718_10 Datasheet
474Kb / 19P
   PFM Asynchronous Step-up DC to DC Converter (100mA)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com