Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT1271 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT1271
Description  1.5A Step-Up Current Regulator for Flash LEDs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1271 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT1271 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1271 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1271 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1271 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1271 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1271 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1271 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1271 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1271 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
AAT1271
1.5A Step-Up Current Regulator for Flash LEDs
SwitchRegTM
PRODUCT DATASHEET
1271.2008.08.1.1
9
www .analogictech.com
AAT1271
1.5A Step-Up Current Regulator for Flash LEDs
SwitchRegTM
PRODUCT DATASHEET
1271.2008.08.1.1
9
www .analogictech.com
Functional Description
The AAT1271 is a boost converter with a current regu-
lated output designed to drive high current white LEDs
used in camera flash applications. The AAT1271 has two
channels to accurately regulate the current flow through
two separate white LEDs. There are two basic modes of
operation in the AAT1271; a Flash mode controlled by
the FLEN pin and the movie mode controlled through the
AS2Cwire interface.
Flash Mode
A flash pulse is initiated by strobing the FLEN input pin
low-to-high, which initiates a flash pulse and also starts
the internal timer. The maximum flash current in the
AAT1271 is set by an external resistor, RSET, which sets
the flash current and the maximum movie-mode current
reduced by a factor of 2. The flash timer will terminate
the flash current regardless of the status of the FLEN pin.
This can be either used as a simple flash timing pulse or
can be used as a safety timer in the event of a control
logic malfunction to prevent the LED from over-heating.
The maximum flash time is determined by an external
timing capacitor connected to the CT pin. The flash dura-
tion can be set from 50ms up to a maximum of 1s. The
AS2Cwire interface allows further adjustment of the flash
timer duration. This allows the flash timer duration to be
reduced in 16 linear steps from the maximum time set
by the timing capacitor. If the safety timer is not needed
in the application, it can be disabled by connecting the
CT pin directly to AGND.
The AAT1271 has two LED current sources which share
the output current equally. For a single white LED appli-
cation, the two current sources can be connected togeth-
er to apply full output current into the LED. In two LED
applications, each diode can be connected to its corre-
sponding current source (FLOUTA or FLOUTB) and the
output current will be shared. In applications where only
one LED is connected to either FLOUTA or FLOUTB, the
unused current sink must be directly connected to OUT,
thereby disabling that channel.
In mobile GSM systems where the phone remains in
constant contact with the base station by regular com-
munication, a FLINH pin is provided to prevent both the
camera flash and PA transmission pulses from occurring
simultaneously. This avoids potential dips to the Li-ion
battery voltage below the system’s undervoltage lockout
threshold (UVLO). During a flash event, strobing the
FLINH pin low-to-high reduces the LED current to the
default movie-mode current level for the duration of
FLINH. Strobing FLINH high-to-low instructs the AAT1271
to revert the flash LED current to its maximum level,
assuming that the FLEN pin is still active (HIGH) and the
flash timer has not expired.
Movie Mode
The movie mode current level, channel enable, and the
flash to maximum movie mode current ratio are set
using the AAT1271’s AS2Cwire interface at the EN/SET
pin. The movie-mode current level can be adjusted in 16
steps using a logarithmic scale where each code is 1dB
below the previous code. Channel current outputs
(FLOUTA and FLOUTB) in movie-mode can be enabled or
Functional Block Diagram
SW
PGND
FLOUTA
AGND
Control
RSET
IN
CT
FLOUTB
FLGND
OUT
EN/SET
FLEN
FLINH
GND
200kΩ


Similar Part No. - AAT1271

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1271A ANALOGICTECH-AAT1271A Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
AAT1271AIWO-T1 ANALOGICTECH-AAT1271AIWO-T1 Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
More results

Similar Description - AAT1271

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1271A ANALOGICTECH-AAT1271A Datasheet
2Mb / 19P
   1.5A Step-Up Current Regulator for Flash LEDs
AAT1270 ANALOGICTECH-AAT1270 Datasheet
724Kb / 18P
   1A Step-Up Current Regulator for Flash LEDs
AAT1270 ANALOGICTECH-AAT1270_08 Datasheet
566Kb / 18P
   1A Step-Up Current Regulator for Flash LEDs
logo
Maxim Integrated Produc...
MAX1698 MAXIM-MAX1698_07 Datasheet
167Kb / 8P
   High-Efficiency Step-Up Current Regulator for LEDs
Rev 2; 2/07
MAX1698 MAXIM-MAX1698 Datasheet
234Kb / 8P
   High-Efficiency Step-Up Current Regulator for LEDs
Rev 0; 1/00
logo
Linear Technology
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
LT1961 LINER-LT1961 Datasheet
159Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
logo
Maxim Integrated Produc...
MAX8834 MAXIM-MAX8834 Datasheet
984Kb / 44P
   Adaptive Step-Up Converters with 1.5A Flash Driver
Rev 2; 2/10
MAX8834Y MAXIM-MAX8834Y Datasheet
1Mb / 43P
   Adaptive Step-Up Converters with 1.5A Flash Driver
Rev 0; 4/09
logo
STMicroelectronics
STCF01 STMICROELECTRONICS-STCF01 Datasheet
481Kb / 16P
   Step-up Converter for Cell Phone Camera Flash LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com