Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2158 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT2158
Description  1.5A Low Noise Step-Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2158 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT2158_08 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2158_08 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2158_08 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2158_08 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2158_08 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2158_08 Datasheet HTML 11Page - Advanced Analogic Technologies AAT2158_08 Datasheet HTML 12Page - Advanced Analogic Technologies AAT2158_08 Datasheet HTML 13Page - Advanced Analogic Technologies AAT2158_08 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AAT2158
1.5A Low Noise Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
10
2158.2008.02.1.2
www .analogictech.com
junction over-temperature threshold is 140°C with 15°C
of hysteresis. Once an over-temperature or over-current
fault condition is removed, the output voltage automati-
cally recovers.
Peak current mode control and optimized internal com-
pensation provide high loop bandwidth and excellent
response to input voltage and fast load transient events.
Soft start eliminates output voltage overshoot when the
enable or the input voltage is applied. Under-voltage
lockout prevents spurious start-up events.
Control Loop
The AAT2158 is a peak current mode step-down con-
verter. The current through the P-channel MOSFET (high
side) is sensed for current loop control, as well as short-
circuit and overload protection. A fixed slope compensa-
tion signal is added to the sensed current to maintain
stability for duty cycles greater than 50%. The peak cur-
rent mode loop appears as a voltage-programmed cur-
rent source in parallel with the output capacitor.
The output of the voltage error amplifier programs the
current mode loop for the necessary peak switch current
to force a constant output voltage for all load and line
conditions. Internal loop compensation terminates the
transconductance voltage error amplifier output. The
reference voltage is internally set to program the con-
verter output voltage greater than or equal to 0.6V.
Soft Start/Enable
Soft start limits the current surge seen at the input and
eliminates output voltage overshoot. When pulled low,
the enable input forces the AAT2158 into a low-power,
non-switching state. The total input current during shut-
down is less than 1μA.
Current Limit and
Over-Temperature Protection
For overload conditions, the peak input current is limit-
ed. To minimize power dissipation and stresses under
current limit and short-circuit conditions, switching is
terminated after entering current limit for a series of
pulses. Switching is terminated for seven consecutive
clock cycles after a current limit has been sensed for a
series of four consecutive clock cycles.
Thermal protection completely disables switching when
internal dissipation becomes excessive. The junction
over-temperature threshold is 140°C with 15°C of hys-
teresis. Once an over-temperature or over-current fault
conditions is removed, the output voltage automatically
recovers.
Under-Voltage Lockout
Internal bias of all circuits is controlled via the VCC
input. Under-voltage lockout (UVLO) guarantees suffi-
cient VIN bias and proper operation of all internal cir-
cuitry prior to activation.
3.0μH
L1
22μF
C3
10μF
C1
100
R1
0.1μF
C2
C1 Murata 10μF 6.3V X5R GRM42-6X5R106K6.3
C3 Murata 22μF 6.3V GRM21BR60J226ME39L X5R 0805
V
OUT+
V
IN+
L1 Sumida CDRH5D28-3R0NC (see Table 2)
R1 and C2 are an optional noise filter for internal VCC.
R6, C4, C5-C7 are not populated
C8 100pF feed forward
LX
14
N/C
6
EN
7
VCC
9
VP
10
N/C
8
LX
13
PGND
3
VP
12
VP
11
FB
4
LX
15
PGND
2
PGND
1
SGND
5
N/C
16
AAT2158
U1
R3
C8
59.0k
R4
100K
R2
Enable
LX
GND
GND
V
OUT(V)
R3 (k
Ω)
0.8
19.6
0.9
29.4
1.0
39.2
1.1
49.9
1.2
59.0
1.3
68.1
1.4
78.7
1.5
88.7
1.8
118
2.0
137
2.5
187
3.3
267
Figure 1: AAT2158 Evaluation Schematic.


Similar Part No. - AAT2158_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
More results

Similar Description - AAT2158_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2158 ANALOGICTECH-AAT2158 Datasheet
706Kb / 18P
   1.5A Low Noise Step-Down Converter
AAT2158_0810 ANALOGICTECH-AAT2158_0810 Datasheet
1Mb / 17P
   1.5A Low Noise Step-Down Converter
AAT1145 ANALOGICTECH-AAT1145_08 Datasheet
851Kb / 17P
   1.5A Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1145 SKYWORKS-AAT1145 Datasheet
1Mb / 18P
   1.5A Step-Down Converter
logo
Stanson Technology
SP9718 STANSON-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
List of Unclassifed Man...
CM3718 ETC-CM3718 Datasheet
361Kb / 10P
   1.5A LOW NOISE PWM STEP DOWN REGULATOR
logo
SYNC POWER Crop.
SP9718 SYNC-POWER-SP9718 Datasheet
244Kb / 9P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Champion Microelectroni...
CM3718 CHAMP-CM3718 Datasheet
349Kb / 10P
   1.5A LOW-NOISE PWM STEP-DOWN REGULATOR
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
   1.5A, 1.4MHz Step-Down Converter
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
   1.5A, 1.4MHz Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com