Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2503 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT2503
Description  Adjustable 3-Channel Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2503 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT2503 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2503 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2503 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2503 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2503 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2503 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2503 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2503 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2503 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AAT2503178
Adjustable 3-Channel Regulator
SystemPower
TM
PRODUCT DATASHEET
4
2503.2008.02.1.4
www .analogictech.com
AAT2503178
Adjustable 3-Channel Regulator
SystemPower
TM
PRODUCT DATASHEET
4
2503.2008.02.1.4
www .analogictech.com
Electrical Characteristics1
VIN = 3.6V; TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
Bias Power Supply
IQ
Quiescent Current
ENA = ENB = EN = VIN; ILOAD = 0
85
145
μA
ISHDN
Shutdown Current
ENA = ENB = EN = GND
1.0
μA
LDOA, LDOB; IOUT = 150mA
VLDO
Input Voltage
1.62
5.5
V
VOUT
Output Voltage Tolerance
IOUT = 1mA
to 150mA
TA = 25°C
-1.5
1.5
%
TA = -40°C to +85°C
-2.5
2.5
VFB
Feedback Voltage
0.593
0.6
0.607
V
VDO
Dropout Voltage2
IOUT = 150mA
150
mV
ΔVOUT/
VOUT*ΔVIN
Line Regulation3
VIN = VOUT + 1 to 5.0V
0.09
%/V
VEN(L)
Enable Threshold Low
0.6
V
VEN(H)
Enable Threshold High
1.4
V
IOUT
Output Current
150
mA
ISHT
Shutdown Current
VIN = 5V
1.0
μA
TSD
Over-Temperature Shutdown Threshold
140
°C
THYS
Over-Temperature Shutdown Hysteresis
15
°C
LDOA; IOUT = 150mA
VPOK
Power-OK Trip Threshold
VOUT Rising, TA = 25°C
80
90
98
% of VOUT
VPOKHYS
Power-OK Hysteresis
1.0
% of VOUT
VPOK(LO)
Power-OK Output Voltage Low
ISINK = 1mA
0.4
V
IPOK
Power-OK Output Leakage Current
VPOK <5.5V, VOUT in Regulation
1.0
μA
1. The AAT2503 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured by design, characterization, and correla-
tion with statistical process controls.
2. VDO is defined as VIN - VOUT when VOUT is 98% of nominal.
3. CIN = 10μF.


Similar Part No. - AAT2503

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2503 ANALOGICTECH-AAT2503 Datasheet
1Mb / 23P
   Adjustable 3-Channel Regulator
logo
Skyworks Solutions Inc.
AAT2503 SKYWORKS-AAT2503 Datasheet
1Mb / 22P
   Adjustable Three-Channel Regulator
logo
Advanced Analogic Techn...
AAT2503IZL-BAA-T1 ANALOGICTECH-AAT2503IZL-BAA-T1 Datasheet
1Mb / 23P
   Adjustable 3-Channel Regulator
logo
Skyworks Solutions Inc.
AAT2503IZL-BAA-T1 SKYWORKS-AAT2503IZL-BAA-T1 Datasheet
1Mb / 22P
   Adjustable Three-Channel Regulator
More results

Similar Description - AAT2503

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2503 ANALOGICTECH-AAT2503 Datasheet
1Mb / 23P
   Adjustable 3-Channel Regulator
AAT2504 ANALOGICTECH-AAT2504 Datasheet
949Kb / 22P
   Adjustable 3-Channel Regulator
AAT2504 ANALOGICTECH-AAT2504_08 Datasheet
776Kb / 21P
   Adjustable 3-Channel Regulator
AAT2500B ANALOGICTECH-AAT2500B Datasheet
1Mb / 21P
   Adjustable 3-Channel Regulator
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com