Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2514 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT2514
Description  Dual Channel 600mA Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2514 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT2514_08 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2514_08 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2514_08 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2514_08 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2514_08 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2514_08 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2514_08 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2514_08 Datasheet HTML 10Page - Advanced Analogic Technologies AAT2514_08 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AAT2514
Dual Channel 600mA Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
2514.2008.02.1.1
7
www .analogictech.com
AAT2514
Dual Channel 600mA Step-Down Converter
SwitchRegTM
PRODUCT DATASHEET
2514.2008.02.1.1
7
www .analogictech.com
Functional Description
The AAT2514 is a dual high performance 600mA, 1.5MHz
fixed frequency monolithic switch-mode step-down con-
verter which uses current mode architecture with an
adaptive slope compensation scheme. It minimizes exter-
nal component size and optimizes efficiency over the com-
plete load range. The adaptive slope compensation allows
the device to remain stable over a wider range of inductor
values so that smaller values (1μH to 4.7μH) with associ-
ated lower DCR can be used to achieve higher efficiency.
Apart from the small bypass input capacitor, only a small
L-C filter is required at each output. The adjustable out-
puts can be programmed with external feedback to any
voltage, ranging from very low output voltages to the
input voltage and by using an internal reference of 0.6V.
The part uses internal MOSFETs for each channel to
achieve high efficiency. At dropout, the converter duty
cycle increases to 100% and the output voltages track
the input voltage minus the low RDS(ON) drop of the
P-channel high-side MOSFETs. The converter efficiency
has been optimized for all load conditions, ranging from
no load to 600mA at VIN = 3V with an input voltage range
from 2.5V to 5.5V. The internal error amplifier and com-
pensation provides excellent transient response, load,
and line regulation. Internal soft start eliminates any
output voltage overshoot when the enable or the input
voltage is applied.
Functional Block Diagram
-
+
EA
ICOMP
+
-
PWM
Logic
R
Q
S _Q
POR
Counter
ISENSE
AMP
-
+
4
3
2
9
1
10
7
REGULATOR 2 (Same as Regulator 1)
FB1
EN1
EN2
FB2
IN
LX1
POR
LX2
8
Bandgap
Reference
OSC
Slope Comp
OVDET
+
-
650mV
Regulator 1
600mV
IZERO
COMP
-
+
Overtemperature
and Shortcircuit
Protection
Non-
Overlap
Control


Similar Part No. - AAT2514_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2514IDE-AA-T1 ANALOGICTECH-AAT2514IDE-AA-T1 Datasheet
311Kb / 16P
   Dual Channel 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT2514IDE-AA-T1 SKYWORKS-AAT2514IDE-AA-T1 Datasheet
1Mb / 14P
   Dual Channel, 600mA Step-Down Converter
More results

Similar Description - AAT2514_08

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2514 SKYWORKS-AAT2514 Datasheet
1Mb / 14P
   Dual Channel, 600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT2514 ANALOGICTECH-AAT2514 Datasheet
311Kb / 16P
   Dual Channel 600mA Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1106 SKYWORKS-AAT1106 Datasheet
1Mb / 19P
   600mA Step-Down Converter
logo
Advanced Analogic Techn...
AAT1106 ANALOGICTECH-AAT1106_07 Datasheet
1Mb / 18P
   600mA Step-Down Converter
logo
SiGe Semiconductor, Inc...
AATIAN16 SIGE-AATIAN16 Datasheet
548Kb / 7P
   600mA Step-Down Converter
logo
Kinetic Technologies.
KTB851 KINETIC-KTB851 Datasheet
703Kb / 15P
   600mA Step-Down Converter
April 2019 - Revision 04c
logo
Advanced Analogic Techn...
AAT2513 ANALOGICTECH-AAT2513 Datasheet
594Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
AAT2315 ANALOGICTECH-AAT2315_07 Datasheet
700Kb / 22P
   Dual 600mA Step-Down Converter with Synchronization
logo
Kingbright Corporation
APW7134 KINGBRIGHT-APW7134 Datasheet
303Kb / 16P
   Dual 1.5MHz, 600mA Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9342 BELLING-BL9342 Datasheet
249Kb / 8P
   40V, 600mA , Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com