Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2687 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT2687
Description  PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2687 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT2687 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2687 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2687 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2687 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2687 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2687 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2687 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2687 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2687 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AAT2687
PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
SystemPowerTM
PRODUCT DATASHEET
4
2687.2008.06.1.0
www .analogictech.com
AAT2687
PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
SystemPowerTM
PRODUCT DATASHEET
4
2687.2008.06.1.0
www .analogictech.com
Electrical Characteristics1
VIN1 = 12.0V, VIN2 =3.3V; TA = -40°C to 85°C, unless noted otherwise. Typical values are at TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
Channel 1: Step-Down Converter
VIN1
Input Voltage
6.0
24.0
V
VUVLO1
UVLO Threshold
VIN1 Rising
5.0
V
VIN1 Hysteresis
300
mV
VIN1 Falling
3.0
V
VOUT1
Output Voltage Range
1.5
5.5
V
VFB1
Feedback Pin Voltage
TA = 25°C
0.591 0.600
0.609
V
VOUT
Output Voltage Accuracy
IOUT1 = 0A to 4.5A
-2.5
2.5
%
ΔVOUT/VOUT
ΔVIN
Line Regulation
VIN1 = 6V to 24V, VOUT1 = 3.3V, IOUT1 = 4.5A
0.06
%/V
ΔVOUT/VOUT
ΔIOUT
Load Regulation
VIN1 = 12V, VOUT1 = 3.3V, IOUT1 = 0A to 4.5A
0.18
%/A
IQ1
Quiescent Current
VEN1 = High, No load
0.6
mA
ISHDN1
Shutdown Current
VEN1 = Low, VL1 = 0V
35.0
μA
VOCP1
Over-Current Offset Voltage
VEN1 = High, VIN1 = 6.0V to 24.0V, TA = 25°C
80
100
120
mV
ILX1
LX Pin Leakage Current
VIN1 = 24.0V, VEN1 = Low
-1.0
1.0
μA
DMAX
Maximum Duty Cycle
85
%
TON(MIN)
Minimum On-Time
VIN1 = 6.0 to 24.0V
100
ns
RDSON(H)
High Side On-Resistance
VL1 = 4.5V
35
FOSC1
Oscillator Frequency
350
490
650
kHz
FFOLDBACK1
Short Circuit Foldback Frequency Current Limit Triggered
100
kHz
TS1
Start-Up Time
From Enable Channel 1 to Output Regulation
2.5
ms
Channel 2: 600mA Linear Low Dropout (LDO) Regulator
VIN2
Input Voltage
2.7
5.5
V
VDO2
Dropout Voltage
98% x VOUT2(NOM), IOUT2 = 600mA
1000
1300
mV
IQ2
Quiescent (Ground) Current
No load
70
125
μA
ISHDN2
Shutdown Current
VEN2 = GND
1.0
μA
VOUT2(TOL)
Output Voltage Tolerance
IOUT2 = 1mA to 600mA, VIN2 = 2.7V to 5.5V,
TA = 25°C
-2.0
+2.0
%
IOUT2 = 1mA to 600mA, VIN2 = 2.7V to 5.5V,
TA = -40°C to 85°C
-3.5
+3.5
%
eN
Output Noise
BW = 300Hz to 50kHz
250
μVRMS
PSRR
Power Supply Rejection Ratio
IOUT2 = 10mA
1kHz
67
dB
10kHz
47
1MHz
45
ILIMIT2
Current Limit
700
800
mA
TS2
Enable Start-Up Delay
From Enable Channel 2 to Output Regulation
15
μs
Over-Temperature, EN Logic
TSD1,2
Over-Temperature Shutdown
Threshold
135
°C
Over-Temperature Shutdown
Hysteresis
15
°C
VEN1,EN2(L)
Enable Threshold Low
0.6
V
VEN1(H)
Enable Threshold High
2.5
V
VEN2(H)
Enable Threshold High
1.4
V
IEN1,EN2
Input Low Current
-1.0
1.0
μA
1. The AAT2687 is guaranteed to meet performance specifications over the –40°C to +85°C operating temperature range and is assured by design, characterization and correla-
tion with statistical process controls.


Similar Part No. - AAT2687

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2687 SKYWORKS-AAT2687 Datasheet
3Mb / 20P
   Independent Enable Pins
AAT2687IFK-AI-T1 SKYWORKS-AAT2687IFK-AI-T1 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
AAT2687IFK-AI-T1 SKYWORKS-AAT2687IFK-AI-T1 Datasheet
3Mb / 20P
   Independent Enable Pins
AAT2687 SKYWORKS-AAT2687_12 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
More results

Similar Description - AAT2687

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2687 SKYWORKS-AAT2687_12 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
AAT2689 SKYWORKS-AAT2689_12 Datasheet
3Mb / 20P
   PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
logo
Advanced Analogic Techn...
AAT2689 ANALOGICTECH-AAT2689 Datasheet
3Mb / 20P
   PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
logo
Skyworks Solutions Inc.
AAT2688 SKYWORKS-AAT2688_12 Datasheet
3Mb / 20P
   4.5A PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
logo
Advanced Analogic Techn...
AAT2688 ANALOGICTECH-AAT2688 Datasheet
3Mb / 20P
   4.5A PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
logo
Dialog Semiconductor
DA6102 DIALOG-DA6102 Datasheet
2Mb / 82P
   6-Channel High Efficiency PMIC for 2-Cell Systems
logo
Renesas Technology Corp
DA6102 RENESAS-DA6102 Datasheet
2Mb / 83P
   6-Channel High Efficiency PMIC for 2-Cell Systems
15-May-2019
logo
Maxim Integrated Produc...
MAX1836 MAXIM-MAX1836 Datasheet
394Kb / 13P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
MAX1836 MAXIM-MAX1836_V01 Datasheet
1Mb / 15P
   24V Internal Switch, 100% Duty Cycle, Step-Down Converters
2006
logo
ACE Technology Co., LTD...
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
   24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com