Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2688IFK-AI-T1 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT2688IFK-AI-T1
Description  4.5A PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2688IFK-AI-T1 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT2688IFK-AI-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2688IFK-AI-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2688IFK-AI-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2688IFK-AI-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2688IFK-AI-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2688IFK-AI-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2688IFK-AI-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2688IFK-AI-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2688IFK-AI-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AAT2688
4.5A PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
SystemPower
TM
PRODUCT DATASHEET
2688.2008.06.1.0
5
www .analogictech.com
AAT2688
4.5A PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
SystemPower
TM
PRODUCT DATASHEET
2688.2008.06.1.0
5
www .analogictech.com
Typical Characteristics–Channel 1
Step-Down Converter Efficiency vs. Output Current
(VOUT1 = 3.3V; L = 4.7µH)
Output Current (mA)
0.1
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
VIN1 = 6V
VIN1 = 8V
VIN1 = 12V
VIN1 = 18V
VIN1 = 24V
Step-Down Converter DC Regulation
(VOUT1 = 3.3V; L = 4.7µH)
Output Current (mA)
-2.0
-1.5
-0.5
-1.0
0.0
1.0
2.0
1.5
0.5
0.1
1
10
100
1000
10000
VIN1 = 6V
VIN1 = 8V
VIN1 = 12V
VIN1 = 18V
VIN1 = 24V
Step-Down Converter Output Voltage
Error vs. Input Voltage
(VOUT1 = 3.3V; L = 4.7µH)
Input Voltage (V)
6
8
10
12
14
16
18
20
22
24
-2
-1
0
1
2
IOUT1 = 0.10mA
IOUT1 = 100mA
IOUT1 = 1000mA
IOUT1 = 2250mA
IOUT1 = 3500mA
IOUT1 = 4500mA
Step-Down Converter Switching
Frequency vs. Temperature
(VIN1 = 12V; VOUT1 = 3.3V; IOUT1 = 4.5A)
Temperature (°C)
470
480
490
500
510
-40
-15
10
35
60
85
Step-Down Converter Switching Frequency
vs. Input Voltage
(VOUT1 = 3.3V; IOUT1 = 4.5A)
Input Voltage (V)
-3
-2
-1
0
1
2
3
6
8
10
12
14
16
18
20
22
24
No Load Step-Down Converter Input Current
vs. Input Voltage
(VEN1 = VIN1)
Input Voltage (V)
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.70
85°C
25°C
-40°C


Similar Part No. - AAT2688IFK-AI-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2688IFK-AI-T1 SKYWORKS-AAT2688IFK-AI-T1 Datasheet
3Mb / 20P
   Ultra-small External L/C
More results

Similar Description - AAT2688IFK-AI-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2688 SKYWORKS-AAT2688_12 Datasheet
3Mb / 20P
   4.5A PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
AAT2689 SKYWORKS-AAT2689_12 Datasheet
3Mb / 20P
   PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
logo
Advanced Analogic Techn...
AAT2689 ANALOGICTECH-AAT2689 Datasheet
3Mb / 20P
   PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
AAT2687 ANALOGICTECH-AAT2687 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
logo
Skyworks Solutions Inc.
AAT2687 SKYWORKS-AAT2687_12 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
logo
Dialog Semiconductor
DA6102 DIALOG-DA6102 Datasheet
2Mb / 82P
   6-Channel High Efficiency PMIC for 2-Cell Systems
logo
Renesas Technology Corp
DA6102 RENESAS-DA6102 Datasheet
2Mb / 83P
   6-Channel High Efficiency PMIC for 2-Cell Systems
15-May-2019
logo
Asahi Kasei Microsystem...
AP3440ABN182 AKM-AP3440ABN182 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN111 AKM-AP3440ABN111 Datasheet
933Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
AP3440ABN122 AKM-AP3440ABN122 Datasheet
930Kb / 17P
   High-Accurate Step-Down DC-DC Converter with 4.5A MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com