Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L78L18CD13TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L78L18CD13TR
Description  Positive voltage regulators
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L18CD13TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L78L18CD13TR Datasheet HTML 7Page - STMicroelectronics L78L18CD13TR Datasheet HTML 8Page - STMicroelectronics L78L18CD13TR Datasheet HTML 9Page - STMicroelectronics L78L18CD13TR Datasheet HTML 10Page - STMicroelectronics L78L18CD13TR Datasheet HTML 11Page - STMicroelectronics L78L18CD13TR Datasheet HTML 12Page - STMicroelectronics L78L18CD13TR Datasheet HTML 13Page - STMicroelectronics L78L18CD13TR Datasheet HTML 14Page - STMicroelectronics L78L18CD13TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
L78LxxAB - L78LxxAC - L78LxxC
Electrical characteristics
11/29
Table 13.
Electrical characteristics of L78L33AB and L78L33AC (refer to the test circuits,
VI = 8.3 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = 0 to 125°C for L78L33AC,
TJ = -40 to 125°C for L78L33AB, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
3.168
3.3
3.432
V
VO
Output voltage
IO = 1 to 40 mA, VI = 5.3 to 20 V
3.135
3.465
V
IO = 1 to 70 mA, VI = 8.3 V
3.135
3.465
ΔVO
Line regulation
VI = 5.3 to 20 V, TJ = 25°C
150
mV
VI = 6.3 to 20 V, TJ = 25°C
100
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25°C
60
mV
IO = 1 to 40 mA, TJ = 25°C
30
Id
Quiescent current
TJ = 25°C
6
mA
TJ = 125°C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.1
mA
VI = 6.3 to 20 V
1.5
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25°C
40
µV
SVR
Supply voltage rejection
VI = 6.3 to 16.3 V, f = 120 Hz
IO = 40 mA, TJ = 25°C
41
49
dB
Vd
Dropout voltage
1.7
V
Table 14.
Electrical characteristics of L78L05AB and L78L05AC (refer to the test circuits,
VI = 10 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF, TJ = 0 to 125°C for L78L05AC,
TJ = -40 to 125°C for L78L05AB, unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25°C
4.8
5
5.2
V
VO
Output voltage
IO = 1 to 40 mA, VI = 7 to 20 V
4.75
5.25
V
IO = 1 to 70 mA, VI = 10 V
4.75
5.25
ΔVO
Line regulation
VI = 7 to 20 V, TJ = 25°C
150
mV
VI = 8 to 20 V, TJ = 25°C
100
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25°C
60
mV
IO = 1 to 40 mA, TJ = 25°C
30
Id
Quiescent current
TJ = 25°C
6
mA
TJ = 125°C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.1
mA
VI = 8 to 20 V
1.5
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25°C
40
µV
SVR
Supply voltage rejection
VI = 8 to 18 V, f = 120 Hz
IO = 40 mA, TJ = 25°C
41
49
dB
Vd
Dropout voltage
1.7
V


Similar Part No. - L78L18CD13TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L78L18CD13TR STMICROELECTRONICS-L78L18CD13TR Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
L78L18CD13TR STMICROELECTRONICS-L78L18CD13TR Datasheet
776Kb / 47P
   Positive voltage regulators
L78L18CD13TR STMICROELECTRONICS-L78L18CD13TR Datasheet
769Kb / 46P
   Positive voltage regulators
February 2016 Rev 25
L78L18CD13TR STMICROELECTRONICS-L78L18CD13TR Datasheet
879Kb / 40P
   Positive voltage regulators
Rev 28 - April 2021
More results

Similar Description - L78L18CD13TR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com