Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2689IRN-AI-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT2689IRN-AI-T1
Description  PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2689IRN-AI-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT2689IRN-AI-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2689IRN-AI-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2689IRN-AI-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2689IRN-AI-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2689IRN-AI-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2689IRN-AI-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2689IRN-AI-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2689IRN-AI-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT2689IRN-AI-T1 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AAT2689
PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
SystemPower
TM
PRODUCT DATASHEET
6
2689.2008.06.1.0
www .analogictech.com
AAT2689
PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
SystemPower
TM
PRODUCT DATASHEET
6
2689.2008.06.1.0
www .analogictech.com
Typical Characteristics
Step-Down Converter Load Transient Response
(IOUT1 = 1.25A to 2.5A; VIN1 = 12V;
VOUT1 = 3.3V; COUT1 = 2x22µF)
Time (100µs/div)
3.2
3.3
3.4
1.0
1.5
2.0
2.5
3.0
2.5A
1.25A
Step-Down Converter Line Transient Response
(VIN1 = 6V to 10V; VOUT1 = 3.3V; IOUT1 = 2.5A)
Time (2ms/div)
0
5
10
15
3.2
3.3
3.4
Step-Down Converter Soft Start
(VIN1 = 12V; VEN1 = 10V; VOUT1 = 3.3V; IOUT1 = 2.5A)
Time (500µs/div)
0
5
10
15
20
0.0
2.0
4.0
Step-Down Converter Output
Voltage Error vs. Temperature
(VIN1 = 12V; VOUT1 = 3.3V)
Temperature (°C)
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
25
50
75
100
0
IOUT1 = 0.1mA
IOUT1 = 1mA
IOUT1 = 1250mA
IOUT1 = 2500mA
Step-Down Converter Switching
Frequency vs. Temperature
(VIN1 = 12V; IOUT1 = 2.5A)
Temperature (°C)
470
480
490
500
510
520
-40
-20
0
20
40
60
80
100
Step-Down Converter Switching Frequency
vs. Input Voltage
(VOUT1 = 3.3V; IOUT1 = 2.5A)
Temperature (°C)
-40
-20
0
20
40
60
80
100
-8
-6
-4
-2
0
2
4
6
8


Similar Part No. - AAT2689IRN-AI-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2689IRN-AI-T1 SKYWORKS-AAT2689IRN-AI-T1 Datasheet
3Mb / 20P
   PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
AAT2689IRN-AI-T1 SKYWORKS-AAT2689IRN-AI-T1 Datasheet
3Mb / 20P
   Independent Enable Pins
More results

Similar Description - AAT2689IRN-AI-T1

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AAT2689 SKYWORKS-AAT2689_12 Datasheet
3Mb / 20P
   PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
AAT2688 SKYWORKS-AAT2688_12 Datasheet
3Mb / 20P
   4.5A PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
logo
Advanced Analogic Techn...
AAT2688 ANALOGICTECH-AAT2688 Datasheet
3Mb / 20P
   4.5A PMIC Solution for 12V Adapter Systems with 2-Output High Performance Step-Down Converters
AAT2687 ANALOGICTECH-AAT2687 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
logo
Skyworks Solutions Inc.
AAT2687 SKYWORKS-AAT2687_12 Datasheet
3Mb / 20P
   PMIC Solution for 24V Systems with 2 High Performance Step-Down Converters
logo
Dialog Semiconductor
DA6102 DIALOG-DA6102 Datasheet
2Mb / 82P
   6-Channel High Efficiency PMIC for 2-Cell Systems
logo
Renesas Technology Corp
DA6102 RENESAS-DA6102 Datasheet
2Mb / 83P
   6-Channel High Efficiency PMIC for 2-Cell Systems
15-May-2019
logo
Vishay Siliconix
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9176 VISHAY-SI9176 Datasheet
328Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SI9176 VISHAY-SI9176_04 Datasheet
288Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com