Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2806IXN-4.5-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT2806IXN-4.5-T1
Description  Dual High Efficiency Charge Pump for White LED and Flash Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2806IXN-4.5-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT2806IXN-4.5-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2806IXN-4.5-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2806IXN-4.5-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2806IXN-4.5-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2806IXN-4.5-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2806IXN-4.5-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2806IXN-4.5-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2806IXN-4.5-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2806IXN-4.5-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Absolute Maximum Ratings
1
Thermal Information
2
Symbol
Description
Value
Units
V
IN
Input Voltage
-0.3 to 6.0
V
V
EN/SET; EN_FL
EN/SET; EN_FL to GND Voltage
-0.3 to V
IN + 0.3
V
T
LEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
Symbol
Description
Value
Units
P
D
Maximum Power Dissipation
3
2.0
W
θ
JA
Maximum Thermal Resistance
50
°C/W
AAT2806
Dual High Efficiency Charge Pump
for White LED and Flash Applications
2806.2007.09.1.9
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.
3. Derate 6.25mW/°C above 25°C.


Similar Part No. - AAT2806IXN-4.5-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2806IXN-4.5-T1 ANALOGICTECH-AAT2806IXN-4.5-T1 Datasheet
478Kb / 16P
   Dual High Efficiency Charge Pump for White LED AND Flash Applications
logo
Advanced Analog Technol...
AAT2806IXN-4.5-T1 AAT-AAT2806IXN-4.5-T1 Datasheet
582Kb / 16P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
More results

Similar Description - AAT2806IXN-4.5-T1

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
   Dual High Efficiency Charge Pump For White LED and Flash Applications
logo
Advanced Analog Technol...
AAT2806 AAT-AAT2806 Datasheet
582Kb / 16P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
logo
Advanced Analogic Techn...
AAT2805 ANALOGICTECH-AAT2805 Datasheet
557Kb / 17P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
AAT2806 ANALOGICTECH-AAT2806 Datasheet
478Kb / 16P
   Dual High Efficiency Charge Pump for White LED AND Flash Applications
logo
Advanced Analog Technol...
AAT2805 AAT-AAT2805 Datasheet
662Kb / 16P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
   500mA High Efficiency Charge Pump for White LED Flash Applications
logo
SiGe Semiconductor, Inc...
AATIAN64 SIGE-AATIAN64 Datasheet
85Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
logo
Advanced Analogic Techn...
AAT3175 ANALOGICTECH-AAT3175 Datasheet
247Kb / 12P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Flash Applications
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com