Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2846 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT2846
Description  High Current Charge Pump with Dual LDO for Backlight and Flash Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2846 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT2846_08 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2846_08 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2846_08 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2846_08 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2846_08 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2846_08 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2846_08 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2846_08 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2846_08 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
AAT2846
High Current Charge Pump with Dual LDO for Backlight and Flash Applications
ChargePump
TM
PRODUCT DATASHEET
2
2846.2008.03.1.1
www .analogictech.com
AAT2846
High Current Charge Pump with Dual LDO for Backlight and Flash Applications
ChargePump
TM
PRODUCT DATASHEET
2
2846.2008.03.1.1
www .analogictech.com
Pin Descriptions
Pin # Symbol Description
1
BL3
Backlight LED 3 current sink. BL3 controls the current through backlight LED 3. Connect the cathode of back-
light LED 3 to BL3. If not used, connect BL3 to OUT.
2
BL2
Backlight LED 2 current sink. BL2 controls the current through backlight LED 2. Connect the cathode of back-
light LED 2 to BL2. If not used, connect BL2 to OUT.
3
BL1
Backlight LED 1 current sink. BL1 controls the current through backlight LED 1. Connect the cathode of back-
light LED 1 to BL1. If not used, connect BL1 to OUT.
4
AGND
Analog ground. Connect AGND to PGND at a single point as close to the AAT2846 as possible.
5CT
Flash timer control capacitor input. Connect a capacitor from CT to AGND to set the flash timer. A 100nF
capacitor sets the timer to 1 second.
6
REF
Reference output. Bypass REF to AGND with a 0.1µF or larger ceramic capacitor.
7
FBB
Feedback input for LDO B. FBB measures the output voltage of LDO B. Connect a resistive voltage divider
from the output of LDO B to FBB. FBB feedback regulation voltage is 1.2V.
8
OUTB
LDO B regulated voltage output. OUTB is the voltage output of LDO B. Bypass OUTB to AGND with a 2.2µF or
larger ceramic capacitor as close to the AAT2846 as possible.
9, 18
IN
Power input. Connect IN to the input source voltage. Bypass IN to PGND with a 4.7µF or larger ceramic
capacitor as close to the AAT2846 as possible.
10
FBA
Feedback input for LDO A. FBA measures the output voltage of LDO A. Connect a resistive voltage divider
from the output of LDO A to FBA. FBA feedback regulation voltage is 1.2V.
11
OUTA
LDO A regulated voltage output. OUTA is the voltage output of LDO A. Bypass OUTA to AGND with a 2.2µF or
larger ceramic capacitor as close to the AAT2846 as possible.
12
C1-
Negative node of charge pump capacitor 1. Connect the 1µF charge pump capacitor 1 from C1+ to C1-.
13
C1+
Positive node of charge pump capacitor 1. Connect the 1µF charge pump capacitor 1 from C1+ to C1-.
14
OUT
Charge pump output; supplies current to the backlight and flash LEDs. Connect the backlight and flash LED an-
odes to OUT. Bypass OUT to PGND with a 2.2µF or larger ceramic capacitor as close to the AAT2846 as possible.
15
ENB
LDO B enable input. ENB turns on or off low dropout regulator B (LDO B). Drive ENB high to turn on LDO B;
drive it low to turn it off.
16
C2+
Positive node of charge pump capacitor 2. Connect the 1µF charge pump capacitor 2 from C2+ to C2-.
17
C2-
Negative node of charge pump capacitor 2. Connect the 1µF charge pump capacitor 2 from C2+ to C2-.
19
PGND
Power ground. Connect AGND to PGND at a single point as close to the AAT2846 as possible.
20
ENS
Flash and backlight enable and serial control input. ENS turns on/off both the flash and backlight and is the
AS2Cwire input to serially control the backlight and movie-mode flash LED brightness.
21
FL2
Flash LED 2 current sink. FL2 controls the current through flash LED 2. Connect the cathode of flash LED 2 to
FL2. If not used, connect FL2 to OUT.
22
FL1
Flash LED 1 current sink. FL1 controls the current through flash LED 1. Connect the cathode of flash LED 1 to
FL1. If not used, connect FL1 to OUT.
23
FEN
Flash enable input. FEN is the on/off control for the flash LEDs. Drive FEN high to drive the maximum flash
current, set by RFSET, through the flash LEDs.
24
FSET
Flash current setting input. A 280kΩ resistor from FSET to AGND sets the maximum flash LED current.
25
BL6
Backlight LED 6 current sink. BL6 controls the current through backlight LED 6. Connect the cathode of back-
light LED 6 to BL6. If not used, connect BL6 to OUT.
26
BL5
Backlight LED 5 current sink. BL5 controls the current through backlight LED 5. Connect the cathode of back-
light LED 5 to BL5. If not used, connect BL5 to OUT.
27
ENA
LDO A enable input. ENA turns on or off low dropout regulator A (LDO A). Drive ENA high to turn on LDO A;
drive low to turn it off.
28
BL4
Backlight LED 4 current sink. BL4 controls the current through backlight LED 4. Connect the cathode of back-
light LED 4 to BL4. If not used, connect BL4 to OUT.
EP
Exposed paddle (bottom); connect to ground as closely as possible to the device.


Similar Part No. - AAT2846_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2846INJ-EE-T1 ANALOGICTECH-AAT2846INJ-EE-T1 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
More results

Similar Description - AAT2846_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2856 ANALOGICTECH-AAT2856_08 Datasheet
404Kb / 18P
   High Current Charge Pump with Dual LDO for Backlight Applications
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842 ANALOGICTECH-AAT2842 Datasheet
627Kb / 21P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2848 ANALOGICTECH-AAT2848 Datasheet
2Mb / 19P
   High-Current Charge Pump For Backlight Display and Flash Applications
AAT2856 ANALOGICTECH-AAT2856 Datasheet
491Kb / 22P
   High Current Charge Pump with Dual LDO for BacklightApplications
logo
SiGe Semiconductor, Inc...
AATIAN46 SIGE-AATIAN46 Datasheet
95Kb / 4P
   Multi-Mode Charge Pump For White LED Backlight and Flash Applications
logo
Advanced Analogic Techn...
AAT2801 ANALOGICTECH-AAT2801 Datasheet
747Kb / 20P
   Multi-Mode Charge Pump for White LED Backlight and Flash Applications
logo
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
   Dual High Efficiency Charge Pump For White LED and Flash Applications
logo
Advanced Analog Technol...
AAT2806 AAT-AAT2806 Datasheet
582Kb / 16P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com