Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT2846 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT2846
Description  High Current Charge Pump with Dual LDO for Backlight and Flash Applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT2846 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT2846 Datasheet HTML 1Page - Advanced Analogic Technologies AAT2846 Datasheet HTML 2Page - Advanced Analogic Technologies AAT2846 Datasheet HTML 3Page - Advanced Analogic Technologies AAT2846 Datasheet HTML 4Page - Advanced Analogic Technologies AAT2846 Datasheet HTML 5Page - Advanced Analogic Technologies AAT2846 Datasheet HTML 6Page - Advanced Analogic Technologies AAT2846 Datasheet HTML 7Page - Advanced Analogic Technologies AAT2846 Datasheet HTML 8Page - Advanced Analogic Technologies AAT2846 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AAT2846
High Current Charge Pump with Dual LDO for Backlight and Flash Applications
ChargePump
TM
PRODUCT DATASHEET
2846.2008.03.1.1
5
www .analogictech.com
AAT2846
High Current Charge Pump with Dual LDO for Backlight and Flash Applications
ChargePump
TM
PRODUCT DATASHEET
2846.2008.03.1.1
5
www .analogictech.com
Electrical Characteristics1
VIN = 3.6V; CIN = 4.7µF; COUT = 2.2µF; C1 = C2 = 1µF; RFSET = 280kΩ; TA = -40°C to +85°C, unless otherwise noted.
Typical values are TA = 25°C.
Symbol Description
Conditions
Min
Typ
Max
Units
Linear Regulators
VFBA, VFBB
Feedback Voltage Tolerance
IOUT = 1mA to 200mA
1.17
1.2
1.23
V
ENA = ENB = IN, ENS = AGND
200
IOUTA(MAX),
IOUTB(MAX)
OUTA, OUTB Maximum Load Current
200
mA
VOUTA(DO),
VOUTB(DO)
OUTA, OUTB Dropout Voltage
IOUT = 150mA
150
300
mV
PSRRA,
PSRRB
OUTA, OUTB Power Supply Rejection Ratio
IOUT = 10mA, CREF = 10nF, 1kHz
50
dB
VEN_(L)
ENA, ENB Voltage Low Threshold
0.4
V
VEN_(H)
ENA, ENB Voltage High Threshold
1.4
V
tEN_(DLY)
ENA, ENB Enable Delay
REF = Open
15
µs
1. The AAT2846 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured by design, characterization, and correla-
tion with statistical process controls.


Similar Part No. - AAT2846

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2846INJ-EE-T1 ANALOGICTECH-AAT2846INJ-EE-T1 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
More results

Similar Description - AAT2846

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2846 ANALOGICTECH-AAT2846 Datasheet
858Kb / 25P
   High Current Charge Pump with Dual LDO for Backlight and Flash Applications
AAT2856 ANALOGICTECH-AAT2856_08 Datasheet
404Kb / 18P
   High Current Charge Pump with Dual LDO for Backlight Applications
AAT2842 ANALOGICTECH-AAT2842_07 Datasheet
727Kb / 22P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2842 ANALOGICTECH-AAT2842 Datasheet
627Kb / 21P
   High-Current Charge Pump with S2Cwire??Control and Dual LDO for Backlight and Flash
AAT2848 ANALOGICTECH-AAT2848 Datasheet
2Mb / 19P
   High-Current Charge Pump For Backlight Display and Flash Applications
AAT2856 ANALOGICTECH-AAT2856 Datasheet
491Kb / 22P
   High Current Charge Pump with Dual LDO for BacklightApplications
logo
SiGe Semiconductor, Inc...
AATIAN46 SIGE-AATIAN46 Datasheet
95Kb / 4P
   Multi-Mode Charge Pump For White LED Backlight and Flash Applications
logo
Advanced Analogic Techn...
AAT2801 ANALOGICTECH-AAT2801 Datasheet
747Kb / 20P
   Multi-Mode Charge Pump for White LED Backlight and Flash Applications
logo
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
   Dual High Efficiency Charge Pump For White LED and Flash Applications
logo
Advanced Analog Technol...
AAT2806 AAT-AAT2806 Datasheet
582Kb / 16P
   Dual High Efficiency Charge Pump for White LED and Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com