Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M27W201 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M27W201
Description  2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27W201 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M27W201 Datasheet HTML 7Page - STMicroelectronics M27W201 Datasheet HTML 8Page - STMicroelectronics M27W201 Datasheet HTML 9Page - STMicroelectronics M27W201 Datasheet HTML 10Page - STMicroelectronics M27W201 Datasheet HTML 11Page - STMicroelectronics M27W201 Datasheet HTML 12Page - STMicroelectronics M27W201 Datasheet HTML 13Page - STMicroelectronics M27W201 Datasheet HTML 14Page - STMicroelectronics M27W201 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
M27W201
Device Description
11/24
2.9
Electronic Signature
The Electronic Signature (ES) mode allows the reading out of a binary code from an
EPROM that will identify its manufacturer and type. This mode is intended for use by
programming equipment to automatically match the device to be programmed with its
corresponding programming algorithm. The ES mode is functional in the 25°C ± 5°C
ambient temperature range that is required when programming the M27W201. To activate
the ES mode, the programming equipment must force 11.5V to 12.5V on address line A9 of
the M27W201 with VPP = VCC = 5V. Two identifier bytes may then be sequenced from the
device outputs by toggling address line A0 from VIL to VIH. All other address lines must be
held at VIL during Electronic Signature mode. Byte 0 (A0 = VIL) repres ents the manufacturer
code and byte 1 (A0 = VIH) the device identifier code. For the STMicroelectronics
M27W201, these two identifier bytes are given in Table 3 and can be read-out on outputs Q7
to Q0. Note that the M27W201 and M27C2001 have the same identifier byte.
2.10
Erasure operation (applies to UV EPROM)
The erasure characteristics of the M27W201 are such that erasure begins when the cells
are exposed to light with wavelengths shorter than approximately 4000 Å. It should be noted
that sunlight and some type of fluorescent lamps have wavelengths in the 3000-4000 Å
range. Data shows that constant exposure to room level fluorescent lighting could erase a
typical M27W201 in about 3 years, while it would take approximately 1 week to cause
erasure when exposed to direct sunlight. If the M27W201 is to be exposed to these types of
lighting conditions for extended periods of time, it is suggested that opaque labels be put
over the M27W201 window to prevent unintentional erasure. The recommended erasure
procedure for the M27W201 is exposure to short wave ultraviolet light which has wavelength
of 2537 Å. The integrated dose (i.e. UV intensity x exposure time) for erasure should be a
minimum of 15 W-sec/cm2. The erasure time with this dosage is approximately 15 to 20
minutes using an ultraviolet lamp with 12000 µW/cm2 power rating. The M27W201 should
be placed within 2.5 cm (1 inch) of the lamp tubes during the erasure. Some lamps have a
filter on their tubes which should be removed before erasure.
Table 3.
Electronic Signature
Identifier
A0
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
Hex Data
Manufacturer’s Code
VIL
0
0
1
000
00
20h
Device Code
VIH
0
1
1
000
01
61h


Similar Part No. - M27W201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27W201-100B6TR STMICROELECTRONICS-M27W201-100B6TR Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27W201-100F6TR STMICROELECTRONICS-M27W201-100F6TR Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27W201-100K6TR STMICROELECTRONICS-M27W201-100K6TR Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27W201-100N6TR STMICROELECTRONICS-M27W201-100N6TR Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
More results

Similar Description - M27W201

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_99 Datasheet
115Kb / 16P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27V402 STMICROELECTRONICS-M27V402 Datasheet
101Kb / 15P
   4 Mbit (256Kb x 16) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W402 STMICROELECTRONICS-M27W402 Datasheet
103Kb / 15P
   4 Mbit 256Kb x16 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com