Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40ZTHSMQ6E Datasheet(PDF) 10 Page - STMicroelectronics

Part # M40ZTHSMQ6E
Description  5V or 3V NVRAM supervisor for up to 8 LPSRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40ZTHSMQ6E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M40ZTHSMQ6E Datasheet HTML 6Page - STMicroelectronics M40ZTHSMQ6E Datasheet HTML 7Page - STMicroelectronics M40ZTHSMQ6E Datasheet HTML 8Page - STMicroelectronics M40ZTHSMQ6E Datasheet HTML 9Page - STMicroelectronics M40ZTHSMQ6E Datasheet HTML 10Page - STMicroelectronics M40ZTHSMQ6E Datasheet HTML 11Page - STMicroelectronics M40ZTHSMQ6E Datasheet HTML 12Page - STMicroelectronics M40ZTHSMQ6E Datasheet HTML 13Page - STMicroelectronics M40ZTHSMQ6E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Operation
M40Z300, M40Z300W
10/25
2.1
Two to four decode
The M40Z300/W includes a 2 input (A, B) decoder which allows the control of up to 4
independent SRAMs. The Truth Table for these inputs is shown in Table 2.
Table 2.
Truth table
Figure 6.
Address-decode time
Note:
During system design, compliance with the SRAM timing parameters must comprehend the
propagation delay between E1CON - E4CON.
2.2
Data retention lifetime calculation
Most low power SRAMs on the market today can be used with the M40Z300/W NVRAM
SUPERVISOR. There are, however some criteria which should be used in making the final
choice of which SRAM to use. The SRAM must be designed in a way where the chip enable
input disables all other inputs to the SRAM. This allows inputs to the M40Z300/W and
SRAMs to be “Don't Care” once VCC falls below VPFD(min). The SRAM should also
guarantee data retention down to VCC = 2.0V. The chip enable access time must be
sufficient to meet the system needs with the chip enable propagation delays included. If the
SRAM includes a second chip enable pin (E2), this pin should be tied to VOUT.
If data retention lifetime is a critical parameter for the system, it is important to review the
data retention current specifications for the particular SRAMs being evaluated. Most SRAMs
specify a data retention current at 3.0V. Manufacturers generally specify a typical condition
for room temperature along with a worst case condition (generally at elevated
temperatures). The system level requirements will determine the choice of which value to
use.
The data retention current value of the SRAMs can then be added to the IBAT value of the
M40Z300/W to determine the total current requirements for data retention. The available
Inputs
Outputs
E
BA
E1CON
E2CON
E3CON
E4CON
HX
XH
H
H
H
LL
LL
H
H
H
LL
H
H
L
H
H
LHL
H
HLH
L
HHHH
H
L
AI02551
A, B
E
E1CON - E4CON
tAS
tEDH
tEDL


Similar Part No. - M40ZTHSMQ6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40ZTHSMH6E STMICROELECTRONICS-M40ZTHSMH6E Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40ZTHSMH6F STMICROELECTRONICS-M40ZTHSMH6F Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
More results

Similar Description - M40ZTHSMQ6E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M40Z300 STMICROELECTRONICS-M40Z300_05 Datasheet
348Kb / 21P
   5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111_07 Datasheet
180Kb / 21P
   5V or 3V NVRAM supervisor for up to two LPSRAMs
M40Z111 STMICROELECTRONICS-M40Z111 Datasheet
107Kb / 15P
   5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
M40Z300AV STMICROELECTRONICS-M40Z300AV Datasheet
272Kb / 20P
   3V NVRAM Supervisor for Up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y Datasheet
285Kb / 19P
   5V or 3V NVRAM SUPERVISOR FOR LPSRAM
M40Z300 STMICROELECTRONICS-M40Z300_10 Datasheet
431Kb / 25P
   5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_07 Datasheet
230Kb / 25P
   5V or 3V NVRAM supervisor for LPSRAM
M40SZ100Y STMICROELECTRONICS-M40SZ100Y_10 Datasheet
442Kb / 24P
   5 V or 3 V NVRAM supervisor for LPSRAM
M41ST85Y STMICROELECTRONICS-M41ST85Y Datasheet
530Kb / 34P
   5.0 OR 3.0V, 512 bit 64 x 8 SERIAL RTC and NVRAM SUPERVISOR
M40Z300 STMICROELECTRONICS-M40Z300 Datasheet
128Kb / 16P
   NVRAM CONTROLLER for up to EIGHT LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com