Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN800PTTR-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VN800PTTR-E
Description  HIGH SIDE DRIVER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN800PTTR-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN800PTTR-E Datasheet HTML 6Page - STMicroelectronics VN800PTTR-E Datasheet HTML 7Page - STMicroelectronics VN800PTTR-E Datasheet HTML 8Page - STMicroelectronics VN800PTTR-E Datasheet HTML 9Page - STMicroelectronics VN800PTTR-E Datasheet HTML 10Page - STMicroelectronics VN800PTTR-E Datasheet HTML 11Page - STMicroelectronics VN800PTTR-E Datasheet HTML 12Page - STMicroelectronics VN800PTTR-E Datasheet HTML 13Page - STMicroelectronics VN800PTTR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
VN800S-E / VN800PT-E
10/24
Figure 10. Application Schematic
GND
PROTECTION
NETWORK
AGAINST
REVERSE BATTERY
Solution 1: Resistor in the ground line (RGND only). This
can be used with any type of load.
The following is an indication on how to dimension the
RGND resistor.
1) RGND ≤ 600mV / (IS(on)max).
2) RGND ≥ (−VCC) / (-IGND)
where -IGND is the DC reverse ground pin current and can
be found in the absolute maximum rating section of the
device’s datasheet.
Power Dissipation in RGND (when VCC<0: during reverse
battery situations) is:
PD= (-VCC)
2/RGND
This resistor can be shared amongst several different
HSD. Please note that the value of this resistor should be
calculated with formula (1) where IS(on)max becomes the
sum of the maximum on-state currents of the different
devices.
Please note that if the microprocessor ground is not
common with the device ground then the RGND will
produce a shift (IS(on)max * RGND) in the input thresholds
and the status output values. This shift will vary
depending on many devices are ON in the case of several
high side drivers sharing the same RGND.
If the calculated power dissipation leads to a large
resistor or several devices have to share the same
resistor then the ST suggests to utilize Solution 2 (see
below).
Solution 2: A diode (DGND) in the ground line.
A resistor (RGND=1kΩ) should be inserted in parallel to
DGND if the device will be driving an inductive load.
This small signal diode can be safely shared amongst
several different HSD. Also in this case, the presence of
the ground network will produce a shift (j600mV) in the
input threshold and the status output values if the
microprocessor ground is not common with the device
ground. This shift will not vary if more than one HSD
shares the same diode/resistor network.
Series resistor in INPUT and STATUS lines are also
required to prevent that, during battery voltage transient,
the current exceeds the Absolute Maximum Rating.
Safest configuration for unused INPUT and STATUS pin
is to leave them unconnected.
µC I/Os PROTECTION:
If a ground protection network is used and negative
transients are present on the VCC line, the control pins will
be pulled negative. ST suggests to insert a resistor (Rprot)
in line to prevent the
µC I/Os pins to latch-up.
The value of these resistors is a compromise between the
leakage current of
µC and the current required by the
HSD I/Os (Input levels compatibility) with the latch-up
limit of
µC I/Os.
-VCCpeak/Ilatchup ≤ Rprot ≤ (VOHµC-VIH-VGND) / IIHmax
Calculation example:
For VCCpeak= - 100V and Ilatchup ≥ 20mA; VOHµC ≥ 4.5V
5k
Ω ≤ Rprot ≤ 65kΩ.
Recommended Rprot value is 10kΩ.
VCC
INPUTn
GND
STATUSn
OUTPUTn
Volt.
Reg
BUS
ASIC
5V
24VDC
VCC
DGND
VGND
RGND
Rprot
Rprot
LOAD
R
L


Similar Part No. - VN800PTTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN800PT STMICROELECTRONICS-VN800PT Datasheet
260Kb / 22P
   HIGH SIDE DRIVER
VN800PT.E STMICROELECTRONICS-VN800PT.E Datasheet
1Mb / 22P
   for car body applications
VN800PT13TR STMICROELECTRONICS-VN800PT13TR Datasheet
260Kb / 22P
   HIGH SIDE DRIVER
More results

Similar Description - VN800PTTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920DSP STMICROELECTRONICS-VN920DSP Datasheet
250Kb / 17P
   HIGH SIDE DRIVER
VN820 STMICROELECTRONICS-VN820_04 Datasheet
543Kb / 35P
   HIGH SIDE DRIVER
VN800PSTR-E STMICROELECTRONICS-VN800PSTR-E Datasheet
373Kb / 27P
   High-side driver
VN920DB5-E STMICROELECTRONICS-VN920DB5-E Datasheet
392Kb / 26P
   High-side driver
September 2013 Rev 3
VN750SM-E STMICROELECTRONICS-VN750SM-E Datasheet
243Kb / 20P
   HIGH SIDE DRIVER
October 2004
VN750PEP STMICROELECTRONICS-VN750PEP Datasheet
156Kb / 14P
   HIGH SIDE DRIVER
VN751PT STMICROELECTRONICS-VN751PT_08 Datasheet
392Kb / 16P
   High side driver
VN750 STMICROELECTRONICS-VN750_04 Datasheet
423Kb / 31P
   HIGH SIDE DRIVER
VN920D-B5 STMICROELECTRONICS-VN920D-B5 Datasheet
438Kb / 22P
   HIGH SIDE DRIVER
L9801 STMICROELECTRONICS-L9801 Datasheet
346Kb / 7P
   HIGH SIDE DRIVER
VN920DSP-E STMICROELECTRONICS-VN920DSP-E Datasheet
184Kb / 19P
   HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com