Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3113ITP Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3113ITP
Description  High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3113ITP Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3113ITP Datasheet HTML 5Page - Advanced Analogic Technologies AAT3113ITP Datasheet HTML 6Page - Advanced Analogic Technologies AAT3113ITP Datasheet HTML 7Page - Advanced Analogic Technologies AAT3113ITP Datasheet HTML 8Page - Advanced Analogic Technologies AAT3113ITP Datasheet HTML 9Page - Advanced Analogic Technologies AAT3113ITP Datasheet HTML 10Page - Advanced Analogic Technologies AAT3113ITP Datasheet HTML 11Page - Advanced Analogic Technologies AAT3113ITP Datasheet HTML 12Page - Advanced Analogic Technologies AAT3113ITP Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AAT3113,AAT3114/14A
High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
ChargePumpTM
PRODUCT DATASHEET
3113.2008.05.1.10
9
www .analogictech.com
Applications Information
Current Level Settings
LED current level is set via the serial interface according
to a logarithmic scale where each code is 1dB greater
than the previous code. In this manner, the LED bright-
ness appears linear with each increasing code.
Code
20mA max
Code
20mA max
1
0.549
17
3.529
2
0.627
18
4.000
3
0.706
19
4.471
4
0.784
20
5.020
5
0.863
21
5.647
6
1.020
22
6.353
7
1.098
23
7.059
8
1.255
24
7.922
9
1.412
25
8.941
10
1.569
26
10.039
11
1.804
27
11.216
12
1.961
28
12.627
13
2.275
29
14.118
14
2.510
30
15.843
15
2.824
31
17.804
16
3.137
32
20.000
Table 1: Current Level Settings.
EN/SET Serial Interface
The current source output magnitude is controlled by the
EN/SET pin using AnalogicTech’s Simple Serial Control
(S2Cwire) interface. The interface records rising edges of
the EN/SET pin and decodes them into 32 individual cur-
rent level settings each 1dB apart. Code 32 is full scale,
and Code 1 is full scale attenuated by 31dB. The modulo
32 interface wraps states back to state 1 after the 32nd
clock, so 1dB of attenuation is achieved by clocking the
EN/SET pin 31 times (see graph titled, “IDIODE Response
-9dB to -10dB”). The counter can be clocked at speeds
up to 1MHz, so intermediate states are not visible. The
first rising edge of EN/SET enables the IC and initially
sets the output LED current to -31dB, the lowest setting
equal to 525µA. Once the final clock cycle is input for the
desired brightness level, the EN/SET pin is held high to
maintain the device output current at the programmed
level. The device is disabled 500µs after the EN/SET pin
transitions to a logic low state.
The EN/SET timing is designed to accommodate a wide
range of data rates. After the first rising edge of EN/SET,
the charge pump is enabled and reaches full capacity
after the soft-start time (TSS). During the soft-start time,
multiple clock pulses may be entered on the EN/SET pin
to set the final output current level with a single burst of
clocks. Alternatively, the EN/SET clock pulses may be
entered one at a time to gradually increase the LED
brightness over any desired time period. A constant cur-
rent is sourced as long as EN/SET remains in a logic high
state. The current source outputs are switched off after
EN/SET has remained in a low state for at least the tOFF
timeout period (see Figure 2).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
2
3
4
5
6
7
8
9 1011 121314 15161718 192021 222324 252627 282930 3132
Code
Figure 1: Normalized Current Level Settings.


Similar Part No. - AAT3113ITP

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3113ITP-20-T1 ANALOGICTECH-AAT3113ITP-20-T1 Datasheet
232Kb / 14P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Advanced Analog Technol...
AAT3113ITP-20-T1 AAT-AAT3113ITP-20-T1 Datasheet
330Kb / 15P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
More results

Similar Description - AAT3113ITP

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3113 AAT-AAT3113 Datasheet
330Kb / 15P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Advanced Analogic Techn...
AAT3113 ANALOGICTECH-AAT3113 Datasheet
232Kb / 14P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
AAT3132 ANALOGICTECH-AAT3132 Datasheet
220Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump for White LED Applications
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3194 ANALOGICTECH-AAT3194 Datasheet
312Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
logo
Maxim Integrated Produc...
MAX1913 MAXIM-MAX1913 Datasheet
275Kb / 11P
   60mA 1.5x High-Efficiency White LED Charge Pumps
Rev 0; 1/02
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Maxim Integrated Produc...
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com