Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5010AK-E Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN5010AK-E
Description  High side driver with analog current sense for automotive applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5010AK-E Datasheet(HTML) 2 Page - STMicroelectronics

  VN5010AK-E Datasheet HTML 1Page - STMicroelectronics VN5010AK-E Datasheet HTML 2Page - STMicroelectronics VN5010AK-E Datasheet HTML 3Page - STMicroelectronics VN5010AK-E Datasheet HTML 4Page - STMicroelectronics VN5010AK-E Datasheet HTML 5Page - STMicroelectronics VN5010AK-E Datasheet HTML 6Page - STMicroelectronics VN5010AK-E Datasheet HTML 7Page - STMicroelectronics VN5010AK-E Datasheet HTML 8Page - STMicroelectronics VN5010AK-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Contents
VN5010AK-E
2/31
Contents
1
Block diagram and pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
2
Electrical specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.1
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2.2
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
2.3
Electrical characteristics curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
3
Application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
3.1
GND protection network against reverse battery . . . . . . . . . . . . . . . . . . . 21
3.1.1
Solution 1 : resistor in the ground line (RGND only) . . . . . . . . . . . . . . . 21
3.1.2
Solution 2 : diode (DGND) in the ground line . . . . . . . . . . . . . . . . . . . . 22
3.2
Load dump protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
3.3
MCU I/Os protection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
3.4
Maximum demagnetization energy (VCC=13.5V) . . . . . . . . . . . . . . . . . . . 23
4
Package and PCB thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
4.1
PowerSSO-24TM thermal data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
5
Package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
5.1
ECOPACK® packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
5.2
Packing information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30


Similar Part No. - VN5010AK-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5010AK.E STMICROELECTRONICS-VN5010AK.E Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - VN5010AK-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E Datasheet
120Kb / 13P
   SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VN5E010MH-E STMICROELECTRONICS-VN5E010MH-E Datasheet
682Kb / 34P
   Single-channel high-side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VN5E006ASP-E STMICROELECTRONICS-VN5E006ASP-E Datasheet
763Kb / 38P
   Single channel high-side driver with analog current sense for automotive applications
March 2015 Rev 9
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com