Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN5010AKTR-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN5010AKTR-E
Description  High side driver with analog current sense for automotive applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5010AKTR-E Datasheet(HTML) 1 Page - STMicroelectronics

  VN5010AKTR-E Datasheet HTML 1Page - STMicroelectronics VN5010AKTR-E Datasheet HTML 2Page - STMicroelectronics VN5010AKTR-E Datasheet HTML 3Page - STMicroelectronics VN5010AKTR-E Datasheet HTML 4Page - STMicroelectronics VN5010AKTR-E Datasheet HTML 5Page - STMicroelectronics VN5010AKTR-E Datasheet HTML 6Page - STMicroelectronics VN5010AKTR-E Datasheet HTML 7Page - STMicroelectronics VN5010AKTR-E Datasheet HTML 8Page - STMicroelectronics VN5010AKTR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
February 2008
Rev 4
1/31
31
VN5010AK-E
High side driver with analog current sense
for automotive applications
Features
Main features
– Inrush current active management by
power limitation
– Very low stand-by current
– 3.0v CMOS compatible input
– Optimized electromagnetic emission
– Very low electromagnetic susceptibility
– In compliance with the 2002/95/EC
European directive
Diagnostic functions
– Proportional load current sense
– High current sense precision for wide range
currents
– Current sense disable
– Thermal shutdown indication
– Very low current sense leakage
Protections
– Undervoltage shut-down
– Overvoltage clamp
– Load current limitation
– Self limiting of fast thermal transients
– Protection against loss of ground and loss
of VCC
– Thermal shut down
– Reverse battery protection (see Application
schematic )
– Electrostatic discharge protection
Application
All types of resistive, inductive and capacitive
loads
Description
The VN5010AK-E is a monolithic device made
using STMicroelectronics VIPower M0-5
technology. It is intended for driving resistive or
inductive loads with one side connected to
ground. Active VCC pin voltage clamp protects the
device against low energy spikes (see ISO7637
transient compatibility table). This device
integrates an analog current sense which delivers
a current proportional to the load current
(according to a known ratio) when CS_DIS is
driven low or left open. When CS_DIS is driven
high, the CURRENT SENSE pin is in a high
impedance condition. Output current limitation
protects the device in overload condition. In case
of long overload duration, the device limits the
dissipated power to safe level up to thermal shut-
down intervention. Thermal shut-down with
automatic restart allows the device to recover
normal operation as soon as fault condition
disappears.
Max supply voltage
VCC
41V
Operating voltage range
VCC 4.5 to 36V
Max On-State resistance
RON
10 m
Current limitation (typ)
ILIMH
65A
Off state supply current (typ)
IS
2 µA
PowerSSO-24TM
Table 1.
Device summary
Package
Order codes
Tube
Tape and Reel
PowerSSO-24TM
VN5010AK-E
VN5010AKTR-E
www.st.com


Similar Part No. - VN5010AKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5010AK.E STMICROELECTRONICS-VN5010AK.E Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - VN5010AKTR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN5016AJ-E STMICROELECTRONICS-VN5016AJ-E Datasheet
120Kb / 13P
   SINGLE CHANNEL HIGH SIDE DRIVER WITH ANALOG CURRENT SENSE FOR AUTOMOTIVE APPLICATIONS
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VN5E010MH-E STMICROELECTRONICS-VN5E010MH-E Datasheet
682Kb / 34P
   Single-channel high-side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VN5E006ASP-E STMICROELECTRONICS-VN5E006ASP-E Datasheet
763Kb / 38P
   Single channel high-side driver with analog current sense for automotive applications
March 2015 Rev 9
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com