Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3114AISN Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3114AISN
Description  High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3114AISN Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT3114AISN Datasheet HTML 4Page - Advanced Analogic Technologies AAT3114AISN Datasheet HTML 5Page - Advanced Analogic Technologies AAT3114AISN Datasheet HTML 6Page - Advanced Analogic Technologies AAT3114AISN Datasheet HTML 7Page - Advanced Analogic Technologies AAT3114AISN Datasheet HTML 8Page - Advanced Analogic Technologies AAT3114AISN Datasheet HTML 9Page - Advanced Analogic Technologies AAT3114AISN Datasheet HTML 10Page - Advanced Analogic Technologies AAT3114AISN Datasheet HTML 11Page - Advanced Analogic Technologies AAT3114AISN Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AAT3113,AAT3114/14A
High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
ChargePumpTM
PRODUCT DATASHEET
8
3113.2008.05.1.10
www .analogictech.com
AAT3113,AAT3114/14A
High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
ChargePumpTM
PRODUCT DATASHEET
8
3113.2008.05.1.10
www .analogictech.com
Functional Description
The AAT3113 and AAT3114/14A devices are high effi-
ciency 1.5X fractional charge pumps intended for white
LED backlight applications. The fractional charge pump
consists of a linear regulator followed by a 1.5X charge
pump. The AAT3113 and AAT3114/14A require only four
external components: two 1µF ceramic capacitors for the
charge pump flying capacitors (C1 and C2), one 1µF
ceramic capacitor for CIN, and one 0.33µF to 1µF ceram-
ic capacitor for COUT. The charge pump output is con-
verted into four or six constant current outputs (D1 to
D4 or D6) to drive four or six individual LEDs with a
maximum of 20mA each. The current source output
magnitude is controlled by the EN/SET serial data
S2Cwire interface. The interface records rising edges of
the EN/SET pin and decodes them into 32 individual cur-
rent level settings each 1dB apart (see Table 1, Current
Level Settings). Code 32 is full scale, and Code 1 is full
scale attenuated by 31dB. The modulo 32 interface
wraps states back to state 1 after the 32nd clock. With
each EN/SET pulse, the output current increases by 1dB.
To decrease the output current by 1dB, 31 EN/SET clock
pulses are required. The counter can be clocked at
speeds up to 1MHz, so intermediate states are not visi-
ble. The first rising edge of EN/SET enables the IC and
initially sets the output LED current to -31dB, the lowest
setting equal to 525µA. Once the final clock cycle is input
for the desired brightness level, the EN/SET pin is held
high to maintain the device output current at the pro-
grammed level. The device is disabled 500µs after the
EN/SET pin transitions to a logic low state.
Functional Block Diagram
Voltage
Reference
Soft Start
600kHz
Oscillator
1.5X
Charge
Pump
S2Cwire
Interface
32x8 bit
ROM
Current
Mode
DAC
8
5
VIN
C1+
C1-
C2+
C2-
OUT
D1
D2
D3
D4
GND
* AAT3114/14A only
EN/SET
D5*
D6*


Similar Part No. - AAT3114AISN

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3114AISN-20-T1 AAT-AAT3114AISN-20-T1 Datasheet
330Kb / 15P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
More results

Similar Description - AAT3114AISN

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3113 AAT-AAT3113 Datasheet
330Kb / 15P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
logo
Advanced Analogic Techn...
AAT3113 ANALOGICTECH-AAT3113 Datasheet
232Kb / 14P
   High Efficiency 1.5X Fractional Charge Pumps For White LED Applications
AAT3132 ANALOGICTECH-AAT3132 Datasheet
220Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump for White LED Applications
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3194 ANALOGICTECH-AAT3194 Datasheet
312Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
logo
Maxim Integrated Produc...
MAX1913 MAXIM-MAX1913 Datasheet
275Kb / 11P
   60mA 1.5x High-Efficiency White LED Charge Pumps
Rev 0; 1/02
logo
Advanced Analogic Techn...
AAT3122 ANALOGICTECH-AAT3122 Datasheet
319Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
List of Unclassifed Man...
AAT3123 ETC-AAT3123 Datasheet
372Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Maxim Integrated Produc...
MAX1910 MAXIM-MAX1910 Datasheet
788Kb / 11P
   1.5x/2x High-Efficiency White LED Charge Pumps
Rev 2; 3/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com