Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3119 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT3119
Description  High Efficiency 2X Charge Pump
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3119 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT3119_07 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3119_07 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3119_07 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3119_07 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3119_07 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3119_07 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3119_07 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3119_07 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3119_07 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Absolute Maximum Ratings1
Thermal Information2
Symbol
Description
Value
Units
ΘJA
Thermal Resistance
160
°C/W
PD
Maximum Power Dissipation3
625
mW
Symbol
Description
Value
Units
VIN
Input Voltage
-0.3 to 6.0
V
VOUT
Charge Pump Output
-0.3 to 6.0
V
VEN
EN to GND Voltage
-0.3 to 6.0
V
VEN(MAX)
Maximum EN to Input Voltage
0.3
V
IOUT
Maximum DC Output Current
250
mA
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT3119
High Efficiency 2X Charge Pump
3119.2007.02.1.2
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.
3. Derate 6.25mW/°C above 25°C.


Similar Part No. - AAT3119_07

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3119IJS-4.5-T1 ANALOGICTECH-AAT3119IJS-4.5-T1 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119IJS-5.0-T1 ANALOGICTECH-AAT3119IJS-5.0-T1 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
More results

Similar Description - AAT3119_07

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3159 DIODES-AL3159_11 Datasheet
385Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Monolithic Power System...
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com