Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3119 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT3119
Description  High Efficiency 2X Charge Pump
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3119 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT3119 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3119 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AAT3119
High Efficiency 2X Charge Pump
3119.2007.02.1.2
5
Typical Characteristics _ AAT3119-5V
Oscillator Frequency vs. Supply Voltage
Supply Voltage (V)
1.10
1.15
1.20
1.25
1.30
2.7
3.2
3.7
4.2
4.7
-40
°C
+85
°C
+25
°C
Efficiency vs. Load Current
Load Current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.1
1.0
10
100
1000
VIN = 2.7V
VIN = 3.0V
VIN = 3.3V
VIN = 3.6V
Efficiency vs. Supply Voltage
Supply Voltage (V)
0
10
20
30
40
50
60
70
80
90
100
2.7
3.0
3.3
3.6
3.9
4.2
4.5
50mA
100mA
150mA
Supply Current vs. V
EN
VEN Control Voltage (V)
0
1
2
3
4
5
01
3
4
25
6
IOUT = 0
μA
VIN = 3.3V
VIN = 2.8V
VIN = 5.5V
Supply Current vs. Supply Voltage
Supply Voltage (V)
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
2.5
3.0
3.5
4.0
4.5
5.0
IOUT = 0
μA
CFLY = 1
μF
VEN = VIN
Output Voltage vs. Output Current
Output Current (mA)
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
0
40
80
120
160
200
VIN = 2.7
VIN = 3.0
VIN = 3.3
VIN = 3.6


Similar Part No. - AAT3119

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119IJS-4.5-T1 ANALOGICTECH-AAT3119IJS-4.5-T1 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
AAT3119IJS-5.0-T1 ANALOGICTECH-AAT3119IJS-5.0-T1 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
More results

Similar Description - AAT3119

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T6319A TMT-T6319A Datasheet
92Kb / 9P
   High Efficiency 2X charge Pump
logo
Advanced Analogic Techn...
AAT3119 ANALOGICTECH-AAT3119 Datasheet
481Kb / 16P
   High Efficiency 2X Charge Pump
logo
Diodes Incorporated
AL3158 DIODES-AL3158 Datasheet
368Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 1 - 2
AL3159 DIODES-AL3159 Datasheet
385Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
AL3158 DIODES-AL3158_11 Datasheet
369Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35047 Rev. 2 - 2
AL3159 DIODES-AL3159_11 Datasheet
385Kb / 10P
   HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
DS35048 Rev. 2 - 2
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Monolithic Power System...
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
   1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com