Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3151B Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3151B
Description  High Efficiency 1X/1.5X Charge Pump For White LED Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3151B Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3151B_08 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3151B_08 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3151B_08 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3151B_08 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3151B_08 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3151B_08 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3151B_08 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3151B_08 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3151B_08 Datasheet HTML 13Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AAT3151B
High Efficiency 1X/1.5X Charge Pump For White LED Applications
ChargePumpTM
PRODUCT DATASHEET
3151B.2008.02.1.1
11
www .analogictech.com
Applications Information
LED Selection
The AAT3151B is specifically intended for driving white
LEDs. However, the device design will allow the AAT3151B
to drive most types of LEDs with forward voltage speci-
fications ranging from 2.0V to 4.3V. LED applications
may include main and sub-LCD display backlighting,
camera photo-flash applications, color (RGB) LEDs,
infrared (IR) diodes for remotes, and other loads bene-
fiting from a regulated output current generated from a
varying input voltage. Since the D1 to D4 constant cur-
rent sinks are matched with negligible voltage depen-
dence, the LED brightness will be matched regardless of
the specific LED forward voltage (VF) levels.
In some instances (e.g., in high luminous output appli-
cations such as photo flash), it may be necessary to
drive high-VF type LEDs. The low dropout current sinks
in the AAT3151B make it capable of driving LEDs with
forward voltages as high as 4.3V at full current from an
input supply as low as 3.0V. Current sinks can be paral-
leled to drive high-current LEDs without complication.
Device Switching Noise Performance
The AAT3151B operates at a fixed frequency of approxi-
mately 1MHz to control noise and limit harmonics that
can interfere with the RF operation of cellular telephone
handsets or other communication devices. Back-injected
noise appearing on the input pin of the charge pump is
20mV peak-to-peak, typically ten times less than induc-
tor-based DC/DC boost converter white LED backlight
solutions. The AAT3151B soft-start feature prevents
noise transient effects associated with inrush currents
during start-up of the charge pump circuit.
Power Efficiency and Device Evaluation
The charge pump efficiency discussion in the following
sections only accounts for the efficiency of the charge
pump section itself. Due to the unique circuit architec-
ture and design of the AAT3151B, it is very difficult to
measure efficiency in terms of a percent value compar-
ing input power over output power.
Since the AAT3151B inputs are pure constant current
sinks and typically drive individual loads, it is difficult to
measure the output voltage for a given input (D1 to D4)
to derive an overall output power measurement. For any
given application, white LED forward voltage levels can
differ, yet the load drive current will be maintained as a
constant.
This makes quantifying output power a difficult task
when taken in the context of comparing to other white
LED driver circuit topologies. A better way to quantify
total device efficiency is to observe the total input power
to the device for a given LED current drive level. The
best white LED driver for a given application should be
based on trade-offs of size, external component count,
reliability, operating range, and total energy usage...not
just % efficiency.
The AAT3151B efficiency may be quantified under very
specific conditions and is dependent upon the input volt-
age versus the output voltage seen across the loads
applied to inputs D1 through D4 for a given constant
current setting. Depending on the combination of VIN
and voltages sensed at the current sinks, the device will
operate in load switch mode. When any one of the volt-
ages sensed at the current sinks nears dropout, the
device will operate in 1.5X charge pump mode. Each of
these modes will yield different efficiency values. Refer
to the following two sections for explanations for each
operational mode.
Load Switch Mode Efficiency
The AAT3151B load switch mode is operational at all
times and functions alone to enhance device power con-
version efficiency when VIN is greater than the voltage
across the load. When in load switch mode, the voltage
conversion efficiency is defined as output power divided
by input power:
η =
P
OUT
P
IN
The expression to define the ideal efficiency (η) can be
rewritten as:
η =
P
OUT =
V
OUT · IOUT
=
V
OUT
P
IN
V
IN · IOUT
V
IN
-or-
η(%) = 100
V
OUT
V
IN
⎛⎞
⎝⎠


Similar Part No. - AAT3151B_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3151BIWP-T1 ANALOGICTECH-AAT3151BIWP-T1 Datasheet
265Kb / 15P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
More results

Similar Description - AAT3151B_08

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3151B ANALOGICTECH-AAT3151B Datasheet
265Kb / 15P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3122 AAT-AAT3122 Datasheet
262Kb / 12P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com