Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3190IKS-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3190IKS-T1
Description  Positive/Negative Charge Pump for Voltage Bias
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3190IKS-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3190IKS-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3190IKS-T1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AAT3190
Positive/Negative Charge Pump for Voltage Bias
3190.2006.01.1.2
11
With R2 selected, R1 can be determined:
V
OP
The positive output voltage is set by way of a resis-
tive divider from the output (V
OP) to the FBP and
ground pin. Limiting the size of R4 reduces the
effect of the FBP bias current. For less than 0.1%
error, limit R4 to less than 12k
Ω.
Once R4 has been determined, solve for R3:
Flying and Output Capacitor
The flying capacitor minimum value is limited by
the output power requirement, while the maximum
value is set by the bandwidth of the power supply.
If C
FLY is too small, the output may not be able to
deliver the power demanded, while too large of a
capacitor may limit the bandwidth and time
required to recover from load and line transients. A
0.1µF X7R or X5R ceramic capacitor is typically
used. The voltage rating of the flying and reservoir
output capacitors varies with the number of charge
pump stages. The reservoir output capacitor
should be roughly 10 times the flying capacitor.
Use larger capacitors for reduced output ripple.
Positive Output Capacitor Voltage
Ratings
The absolute steady-state maximum output voltage
(neglecting the internal R
DS(ON) drop of the internal
MOSFETs) for the nth stage is:
where V
FWD is the estimated forward drop of the
Schottky diode. This is also the voltage rating
required for the nth bulk capacitor in the positive
output charge pump.
The voltage rating for the nth flying capacitor in the
positive stage is:
where V
BULK(0) is the input voltage (see Table 1).
Table 1: Positive Output Capacitor Voltages.
Negative Output Capacitor Voltage
Ratings
The absolute steady-state maximum output voltage
(neglecting the internal R
DS(ON) drop of the internal
MOSFETs) for the nth stage is:
This is also the voltage rating required for the nth
bulk capacitor in the negative output charge pump.
VBULK(n) = -n · VIN + 2 · n · VFWD
V
IN = 5.0V, VFWD = 0.3V
Stages (n)
V
BULK(n)
V
FLY(n)
1
9.4V
4.7V
2
13.8V
9.1V
3
18.2V
13.5V
4
22.6V
17.9V
5
27.0V
22.3V
6
31.4V
26.7V
VFLY(n) = VBULK(n + 1) - VFWD
VBULK(n) = (n + 1) · VIN - 2 · n · VFWD
R3 = R4 ·
- 1
VO
VREF
⎛⎞
⎝⎠
IFBP
IPGM =
= 0.1%
0.1µA
100µA
VREF
R4
IPGM =
=
= 100µA
1.2V
12kΩ
VNEG · R2
-VREF
R1 =


Similar Part No. - AAT3190IKS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3190IKS-T1 ANALOGICTECH-AAT3190IKS-T1 Datasheet
411Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Advanced Analog Technol...
AAT3190IKS-T1 AAT-AAT3190IKS-T1 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
More results

Similar Description - AAT3190IKS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3190 AAT-AAT3190 Datasheet
425Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Advanced Analogic Techn...
AAT3190 ANALOGICTECH-AAT3190 Datasheet
411Kb / 16P
   Positive/Negative Charge Pump for Voltage Bias
logo
Maxim Integrated Produc...
MAX850 MAXIM-MAX850 Datasheet
118Kb / 8P
   Low-Noise, Regulated, Negative Charge-Pump Power Supplies for GaAsFET Bias
Rev 2; 4/96
logo
RICOH electronics devic...
R1250VXX1A RICOH-R1250VXX1A Datasheet
147Kb / 13P
   Negative Output Charge Pump Regulator
logo
Rohm
BM81004MUV ROHM-BM81004MUV Datasheet
3Mb / 52P
   Positive charge pump controller
logo
RICOH electronics devic...
R1250V301A RICOH-R1250V301A Datasheet
159Kb / 14P
   Negative Output Charge Pump Regulator(100mA)
logo
Microchip Technology
MCP1252 MICROCHIP-MCP1252_14 Datasheet
562Kb / 20P
   Low-Noise, Positive-Regulated Charge Pump
03/25/14
MCP1253 MICROCHIP-MCP1253 Datasheet
440Kb / 18P
   Low Noise, Positive-Regulated Charge Pump
2002
MCP1252 MICROCHIP-MCP1252_13 Datasheet
395Kb / 20P
   Low Noise, Positive-Regulated Charge Pump
11/29/12
logo
HTC Korea TAEJIN Techno...
TJ7660 HTC-TJ7660 Datasheet
788Kb / 11P
   Charge Pump Voltage Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com