Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3215IGV-2.7-T1 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT3215IGV-2.7-T1
Description  150mA CMOS High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3215IGV-2.7-T1 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT3215IGV-2.7-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3215IGV-2.7-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3215IGV-2.7-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3215IGV-2.7-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3215IGV-2.7-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3215IGV-2.7-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3215IGV-2.7-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3215IGV-2.7-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3215IGV-2.7-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
SmartSwitch
3215.2006.05.1.6
1
General Description
The AAT3215 MicroPower™ low dropout (LDO)
linear regulator is ideally suited for portable appli-
cations where low noise, extended battery life, and
small size are critical. The AAT3215 has been
specifically designed for very low output noise per-
formance, fast transient response, and high power
supply rejection ratio (PSRR), making it ideal for
powering sensitive RF circuits.
Other features include low quiescent current, typi-
cally 95µA, and low dropout voltage which is typi-
cally less than 140mV at full output current. The
device is output short-circuit protected and has a
thermal shutdown circuit for additional protection
under extreme conditions.
The AAT3215 also features a low-power shutdown
mode for extended battery life. A reference bypass
pin has been provided to improve PSRR perform-
ance and output noise by connecting an external
capacitor from the AAT3215's reference output to
ground.
The AAT3215 is available in a Pb-free, space-saving
5-pin SOT23 or 8-pin SC70JW package in ten fac-
tory-programmed voltages: 2.5V, 2.6V, 2.7V, 2.8V,
2.85V, 2.9V, 3.0V, 3.1V, 3.3V, or 3.6V.
Features
Low Dropout: 140mV at 150mA
Guaranteed 150mA Output
High Accuracy ±1.5%
95µA Quiescent Current
High Power Supply Ripple Rejection
— 70dB at 1kHz
— 50dB at 10kHz
Very Low Self Noise: 45µVrms
Fast Line and Load Transient Response
Short-Circuit Protection
Over-Temperature Protection
Uses Low Equivalent Series Resistance
(ESR) Ceramic Capacitors
Noise Reduction Bypass Capacitor
Shutdown Mode for Longer Battery Life
Low Temperature Coefficient
Ten Factory-Programmed Output Voltages
SOT23 5-Pin or SC70JW 8-Pin Package
Applications
Bluetooth™ Headsets
Cellular Phones
Digital Cameras
Notebook Computers
Personal Portable Electronics
Portable Communication Devices
AAT3215
150mA CMOS High Performance LDO
Typical Application
AAT3215
EN
IN
OUT
BYP
GND
ON/OFF
1
μF
10nF
2.2
μF
VIN
GND
GND
VOUT
PowerLinear


Similar Part No. - AAT3215IGV-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3215IGV-2.7-T1 AAT-AAT3215IGV-2.7-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
More results

Similar Description - AAT3215IGV-2.7-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com