Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3223 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT3223
Description  250mA NanoPower??LDO Linear Regulator with Power-OK
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3223 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT3223 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3223 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3223 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3223 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3223 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3223 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3223 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3223 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3223 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AAT3223
250mA NanoPower™ LDO
Linear Regulator with Power-OK
3223.2006.03.1.5
5
Typical Characteristics
Unless otherwise noted, V
IN = VOUT + 1V, TA = 25°C, CIN = COUT = 1µF ceramic.
PSRR With 10mA Load
0
20
40
60
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
Input Current vs. Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1
23456
Input Voltage (V)
80
°C
25
°C
-30
°C
Dropout Voltage vs. Output Current
0
100
200
300
40 0
025
50
75
100
125
150
Output Current (mA)
80°C
-30°C
25°C
Output Voltage vs. Input Voltage
2.99
3
3.01
3.02
3.03
3.5
4
4.5
5
5.5
1mA
10mA
40mA
Input Voltage (V)
Output Voltage vs. Input Voltage
2.5
2.6
2.7
2.8
2.9
3
3.1
2.7
2.9
3.1
3.3
3.5
1mA
10mA
40mA
Input Voltage (V)
Output Voltage vs. Output Current
2.97
2.98
2.99
3
3.01
3.02
3.03
020
40
60
80
100
Output Current (mA)
80
°C
25
°C
-30
°C


Similar Part No. - AAT3223

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
logo
Advanced Analog Technol...
AAT3223 AAT-AAT3223 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
logo
Advanced Analogic Techn...
AAT3223IGU-1.8-T1 ANALOGICTECH-AAT3223IGU-1.8-T1 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
logo
Advanced Analog Technol...
AAT3223IGU-1.8-T1 AAT-AAT3223IGU-1.8-T1 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
logo
Advanced Analogic Techn...
AAT3223IGU-2.7-T1 ANALOGICTECH-AAT3223IGU-2.7-T1 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results

Similar Description - AAT3223

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
logo
Advanced Analog Technol...
AAT3223 AAT-AAT3223 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com