Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3215IGV-2.8-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT3215IGV-2.8-T1
Description  150mA CMOS High Performance LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3215IGV-2.8-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT3215IGV-2.8-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3215IGV-2.8-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3215IGV-2.8-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3215IGV-2.8-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3215IGV-2.8-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3215IGV-2.8-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3215IGV-2.8-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3215IGV-2.8-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3215IGV-2.8-T1 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AAT3215
150mA CMOS High Performance LDO
3215.2006.05.1.6
9
Applications Information
To assure the maximum possible performance is
obtained from the AAT3215, please refer to the fol-
lowing application recommendations.
Input Capacitor
Typically, a 1µF or larger capacitor is recommend-
ed for CIN in most applications. A CIN capacitor is
not required for basic LDO regulator operation.
However, if the AAT3215 is physically located more
than three centimeters from an input power source,
a CIN capacitor will be needed for stable operation.
CIN should be located as closely to the device VIN
pin as practically possible. CIN values greater than
1µF will offer superior input line transient response
and will assist in maximizing the highest possible
power supply ripple rejection.
Ceramic, tantalum, or aluminum electrolytic capac-
itors may be selected for CIN. There is no specific
capacitor ESR requirement for CIN. However, for
150mA LDO regulator output operation, ceramic
capacitors are recommended for CIN due to their
inherent capability over tantalum capacitors to with-
stand input current surges from low impedance
sources such as batteries in portable devices.
Output Capacitor
For proper load voltage regulation and operational
stability, a capacitor is required between pins VOUT
and GND.
The COUT capacitor connection to
the LDO regulator ground pin should be made as
direct as practically possible for maximum device
performance.
The AAT3215 has been specifically designed to
function with very low ESR ceramic capacitors.
Although the device is intended to operate with
these low ESR capacitors, it is stable over a very
wide range of capacitor ESR, thus it will also work
with higher ESR tantalum or aluminum electrolytic
capacitors.
However, for best performance,
ceramic capacitors are recommended.
Typical output capacitor values for maximum output
current conditions range from 1µF to 10µF.
Applications utilizing the exceptionally low output
noise and optimum power supply ripple rejection
characteristics of the AAT3215 should use 2.2µF or
greater for COUT. If desired, COUT may be increased
without limit.
In low output current applications where output
load is less than 10mA, the minimum value for
COUT can be as low as 0.47µF.
Bypass Capacitor and Low Noise
Applications
A bypass capacitor pin is provided to enhance the
very low noise characteristics of the AAT3215 LDO
regulator. The bypass capacitor is not necessary
for operation of the AAT3215. However, for best
device performance, a small ceramic capacitor
should be placed between the bypass pin (BYP)
and the device ground pin (GND). The value of
CBYP may range from 470pF to 10nF. For lowest
noise and best possible power supply ripple rejec-
tion performance, a 10nF capacitor should be
used. To practically realize the highest power sup-
ply ripple rejection and lowest output noise per-
formance, it is critical that the capacitor connection
between the BYP pin and GND pin be direct and
PCB traces should be as short as possible. Refer
to the PCB Layout Recommendations section of
this document for examples.
There is a relationship between the bypass capac-
itor value and the LDO regulator turn-on time. In
applications where fast device turn-on time is
desired, the value of CBYP should be reduced.
In applications where low noise performance and/
or ripple rejection are less of a concern, the bypass
capacitor may be omitted. The fastest device turn-
on time will be realized when no bypass capacitor
is used.
DC leakage on this pin can affect the LDO regula-
tor output noise and voltage regulation perform-
ance. For this reason, the use of a low leakage,
high quality ceramic (NPO or C0G type) or film
capacitor is highly recommended.
Capacitor Characteristics
Ceramic composition capacitors are highly recom-
mended over all other types of capacitors for use
with the AAT3215. Ceramic capacitors offer many
advantages over their tantalum and aluminum elec-
trolytic counterparts. A ceramic capacitor typically
has very low ESR, is lower cost, has a smaller PCB


Similar Part No. - AAT3215IGV-2.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3215IGV-2.8-T1 AAT-AAT3215IGV-2.8-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
More results

Similar Description - AAT3215IGV-2.8-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com