Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3223IGU-3.3-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3223IGU-3.3-T1
Description  250mA NanoPower??LDO Linear Regulator with Power-OK
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3223IGU-3.3-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3223IGU-3.3-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3223IGU-3.3-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3223IGU-3.3-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3223IGU-3.3-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3223IGU-3.3-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3223IGU-3.3-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3223IGU-3.3-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3223IGU-3.3-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3223IGU-3.3-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical Characteristics
V
IN = VOUT(NOM) + 1V, IOUT = 1mA, COUT = 1µF, TA = 25°C, unless otherwise noted.
Symbol
Description
Conditions
Min
Typ
Max
Units
V
OUT
DC Output Voltage Tolerance
-2.0
2.0
%
I
OUT
Output Current
V
OUT > 1.2V
250
mA
I
SC
Short-Circuit Current
V
OUT < 0.4V
400
mA
I
Q
Ground Current
V
IN = 5V, No Load
1.1
2.5
µA
I
Q-OFF
Off-Supply Current
V
IN = 5V, EN = Inactive
0.01
1
µA
∆V
OUT/VOUT
Line Regulation
V
IN = 4.0V to 5.5V
0.15
0.4
%/V
V
OUT = 1.8V
1.0
1.65
V
OUT = 2.7V
0.7
1.25
V
OUT = 2.8V
0.7
1.20
∆V
OUT/VOUT
Load Regulation
I
L = 1 to 100mA
V
OUT = 2.85V
0.7
1.20
%
V
OUT = 3.0V
0.6
1.15
V
OUT = 3.3V
0.5
1.00
V
OUT = 2.7V
200
240
V
OUT = 2.8V
190
235
V
DO
Dropout Voltage
1, 2
I
OUT = 100mA
V
OUT = 2.85V
190
230
mV
V
OUT = 3.0V
190
225
V
OUT = 3.3V
180
220
PSRR
Power Supply Rejection Ratio
100Hz
50
dB
T
SD
Over-Temperature Shutdown
140
°C
Threshold
T
HYS
Over-Temperature Shutdown
20
°C
Hysteresis
e
N
Output Noise
350
µV
RMS
T
C
Output Voltage Temperature
80
PPM/°C
Coefficient
POK
POK
TH
POK Trip Threshold
Falling
25°C
87.5
90.5
93.5
-40°C to +85°C
86
95
% of
POK
HYS
POK Hysteresis
1.5
V
OUT
I
POK
POK Off-Current
V
POK = 5.5V, TA = 25°C
100
nA
V
POK
POK Low Voltage
I
POK = 1mA
200
mV
T
POK
POK Delay
V
OUT Rising
1.5
ms
EN
V
IH
EN Input Threshold High
V
IN = 2.5V to 5.5V
2
V
V
IL
EN Input Threshold Low
V
IN = 2.5V to 5.5V
0.5
I
EN(SINK)
EN Input Leakage
V
ON = 5.5V
0.01
1
µA
AAT3223
250mA NanoPower™ LDO
Linear Regulator with Power-OK
4
3223.2006.03.1.5
1. V
DO is defined as VIN - VOUT when VOUT is 98% of nominal.
2. For V
OUT < 2.3V, VDO = 2.5V - VOUT.


Similar Part No. - AAT3223IGU-3.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3223IGU-3.3-T1 ANALOGICTECH-AAT3223IGU-3.3-T1 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
logo
Advanced Analog Technol...
AAT3223IGU-3.3-T1 AAT-AAT3223IGU-3.3-T1 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
More results

Similar Description - AAT3223IGU-3.3-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
logo
Advanced Analog Technol...
AAT3223 AAT-AAT3223 Datasheet
153Kb / 17P
   250mA NanoPower??LDO Linear Regulator with Power-OK
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Orister Corporation
RS7200 ORISTER-RS7200 Datasheet
422Kb / 7P
   250mA Linear Regulator with Enable
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
   150mA, Low-Dropout Linear Regulator with Power-OK Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com