Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3258ITS-2.8-Y-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT3258ITS-2.8-Y-T1
Description  300mA LDO Linear Regulator with 關P Reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3258ITS-2.8-Y-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT3258ITS-2.8-Y-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AAT3258
300mA LDO Linear Regulator with µP Reset
6
3258.2006.03.1.6
Typical Characteristics
Unless otherwise noted, V
IN = 5V, TA = 25°C.
Output Voltage vs. Temperature
1.196
1.197
1.198
1.199
1.200
1.201
1.202
1.203
-40 -30 -20 -10
0
10 20
30
40
50 60
70 80
90 100
Temperature (
°C)
Quiescent Current vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
-40 -30 -20 -10
0
10 20 30 40 50 60 70
80 90 100 110 120
Temperature (
°C)
Ground Current vs. Input Voltage
0.00
10.00
20.00
30.00
40.00
50.00
60.00
70.00
80.00
90.00
2
2.5
3
3.5
4.5
45
Input Voltage (V)
IOUT = 0mA
IOUT = 10mA
IOUT = 50mA
IOUT = 150mA
IOUT = 300mA
Dropout Voltage vs. Output Current
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
Output Current (mA)
85
°C
25
°C
-40
°C
Dropout Characteristics
2.00
2.20
2.40
2.60
2.80
3.00
3.20
2.70
2.80
2.90
3.00
3.10
3.20
3.30
Input Voltage (V)
IOUT = 300mA
IOUT = 150mA
IOUT = 100mA
IOUT = 50mA
IOUT = 10mA
IOUT = 0mA
Dropout Voltage vs. Temperature
0
60
120
180
240
300
360
420
480
540
-40 -30 -20 -10 0
10 20 30 40 50 60 70 80 90 100 110 120
Temperature (
°C)
IL = 300mA
IL = 150mA
IL = 100mA
IL = 50mA


Similar Part No. - AAT3258ITS-2.8-Y-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3258ITS-2.8-Y-T1 ANALOGICTECH-AAT3258ITS-2.8-Y-T1 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258ITS-2.8-Y-T1 AAT-AAT3258ITS-2.8-Y-T1 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
More results

Similar Description - AAT3258ITS-2.8-Y-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9611 GMT-G9611 Datasheet
566Kb / 7P
   Low-Dropout, 300mA Linear Regulator with Reset
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com