Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3258ITS-2.8-Y-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3258ITS-2.8-Y-T1
Description  300mA LDO Linear Regulator with 關P Reset
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3258ITS-2.8-Y-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

Back Button AAT3258ITS-2.8-Y-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3258ITS-2.8-Y-T1 Datasheet HTML 12Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AAT3258
300mA LDO Linear Regulator with µP Reset
8
3258.2006.03.1.6
Typical Characteristics
Unless otherwise noted, V
IN = 5V, TA = 25°C.
Power-Down Reset Propagation
Delay vs. Temperature
0
5
10
15
20
25
30
-40
-20
0
20
40
60
80
Temperature (
°C)
VDO = 10mV
VDO = 100mV
Power-Up Reset Timeout
vs. Temperature
160
180
200
220
240
260
280
300
320
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Normalized Reset Threshold
vs. Temperature
0.997
0.998
0.999
1.000
1.001
1.002
1.003
-40
-20
0
20
40
60
80
Temperature (
°C)
LDO SHDN VIH and VIL vs. VIN
1.050
1.075
1.100
1.125
1.150
1.175
1.200
1.225
1.250
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
VIH
VIL
Over-Current Protection
-200
0
200
400
600
800
1000
1200
Time (20ms/div)
AAT3258 Self Noise
(COUT = 10
µF, ceramic)
0.001
0.01
0.1
1
10
0.01
0.1
1
10
100
1000
10000
Frequency (kHz)
Band Power:
300Hz to 50kHz = 44.6
µVrms/rtHz
100Hz to 100kHz = 56.3
µVrms/rtHz


Similar Part No. - AAT3258ITS-2.8-Y-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3258ITS-2.8-Y-T1 ANALOGICTECH-AAT3258ITS-2.8-Y-T1 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258ITS-2.8-Y-T1 AAT-AAT3258ITS-2.8-Y-T1 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
More results

Similar Description - AAT3258ITS-2.8-Y-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3258 ANALOGICTECH-AAT3258 Datasheet
251Kb / 17P
   300mA LDO Linear Regulator with UP Reset
logo
Advanced Analog Technol...
AAT3258 AAT-AAT3258 Datasheet
262Kb / 16P
   300mA LDO Linear Regulator with uP Reset
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9611 GMT-G9611 Datasheet
566Kb / 7P
   Low-Dropout, 300mA Linear Regulator with Reset
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469_08 Datasheet
497Kb / 24P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 5; 12/07
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
logo
Cherry Semiconductor Co...
CS8120 CHERRY-CS8120 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
logo
Diodes Incorporated
AP130 DIODES-AP130_10 Datasheet
121Kb / 11P
   300mA LOW DROPOUT (LDO) LINEAR REGULATOR
DS31027 Rev. 7 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com