Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3200IQY-2.0-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3200IQY-2.0-T1
Description  OmniPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3200IQY-2.0-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3200IQY-2.0-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3200IQY-2.0-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3200IQY-2.0-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3200IQY-2.0-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3200IQY-2.0-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3200IQY-2.0-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3200IQY-2.0-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3200IQY-2.0-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3200IQY-2.0-T1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
At any given ambient temperature (T
A), the maxi-
mum package power dissipation can be deter-
mined by the following equation:
Constants for the AAT3200 are T
J(MAX), the maxi-
mum junction temperature for the device (125°C)
and
Θ
JA = 200°C/W, the SC59 thermal resistance.
Typically, maximum conditions are calculated at the
maximum operating temperature where T
A = 85°C,
under normal ambient conditions T
A = 25°C. Given
T
A = 85°C, the maximum package power dissipa-
tion is 200mW. At T
A = 25°C, the maximum pack-
age power dissipation is 500mW.
The maximum continuous output current for the
AAT3200 is a function of the package power dissi-
pation and the input-to-output voltage drop across
the LDO regulator. Refer to the following simple
equation:
For example, if V
IN = 5V, VOUT = 3V, and TA = 25°C,
I
OUT(MAX) < 250mA. The output short-circuit protec-
tion threshold is set between 150mA and 300mA.
If the output load current were to exceed 250mA or
if the ambient temperature were to increase, the
internal die temperature will increase. If the condi-
tion remained constant and the short-circuit protec-
tion were not to activate, there would be a potential
damage hazard to LDO regulator since the thermal
protection circuit will only activate after a short-cir-
cuit event occurs on the LDO regulator output.
To determine the maximum input voltage for a
given load current, refer to the following equation.
This calculation accounts for the total power dissi-
pation of the LDO regulator, including that caused
by ground current.
This formula can be solved for V
IN to determine the
maximum input voltage.
The following is an example for an AAT3200 set for
a 3.0V output:
From the discussion above, P
D(MAX) was deter-
mined to equal 417mW at T
A = 25°C.
Thus, the AAT3200 can sustain a constant 3.0V
output at a 150mA load current as long as V
IN is ≤
5.5V at an ambient temperature of 25°C. 5.5V is
the maximum input operating voltage for the
AAT3200, thus at 25°C, the device would not have
any thermal concerns or operational V
IN(MAX) limits.
This situation can be different at 85°C. The follow-
ing is an example for an AAT3200 set for a 3.0V
output at 85°C:
From the discussion above, P
D(MAX) was deter-
mined to equal 200mW at T
A = 85°C.
VIN(MAX) =
VOUT
= 3.0V
IOUT
= 150mA
IGND
= 20µA
VIN(MAX) = 4.33V
200mW + (3.0V × 150mA)
150mA + 20µA
VIN(MAX) =
VOUT
= 3.0V
IOUT
= 150mA
IGND
= 20µA
VIN(MAX) > 5.5V
500mW + (3.0V × 150mA)
150mA + 20µA
VIN(MAX) =
PD(MAX) + (VOUT × IOUT)
IOUT + IGND
PD(MAX) = (VIN - VOUT)IOUT + (VIN × IGND)
IOUT(MAX) <
PD(MAX)
VIN - VOUT
PD(MAX) =
TJ(MAX) - TA
θJA
AAT3200
OmniPower™ LDO Linear Regulator
3200.2006.02.1.4
11


Similar Part No. - AAT3200IQY-2.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3200IQY-2.0-T1 ANALOGICTECH-AAT3200IQY-2.0-T1 Datasheet
169Kb / 16P
   OmniPower LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200IQY-2.0-T1 AAT-AAT3200IQY-2.0-T1 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
More results

Similar Description - AAT3200IQY-2.0-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3200 ANALOGICTECH-AAT3200 Datasheet
169Kb / 16P
   OmniPower LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com