Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3242ITP-SG-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3242ITP-SG-T1
Description  300mA/150mA Dual CMOS LDO Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3242ITP-SG-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3242ITP-SG-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3242ITP-SG-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3242ITP-SG-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3242ITP-SG-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3242ITP-SG-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3242ITP-SG-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3242ITP-SG-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3242ITP-SG-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3242ITP-SG-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AAT3242
300mA/150mA Dual CMOS LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
4
3242.2008.08.1.11
www .analogictech.com
AAT3242
300mA/150mA Dual CMOS LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
4
3242.2008.08.1.11
www .analogictech.com
Electrical Characteristics1
VIN = VOUT(NOM) + 1.0V for VOUT options greater than 1.5V. VIN = 2.5V for VOUT ≤ 1.5V. IOUT = 1.0mA, COUT = 2.2μF, CIN =
1.0μF, TA = -40°C to +85°C, unless otherwise noted. Typical values are TA = 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
LDO A; IOUT = 300mA
VOUT
Output Voltage Tolerance
IOUT = 1mA
to 300mA
TA = 25°C
-1.5
1.5
%
TA = -40 to 85°C
-2.5
2.5
VIN
Input Voltage
VOUT + VDO5
5.5
V
VDO
Dropout Voltage2, 3
IOUT = 300mA
400
600
mV
ΔVOUT/
VOUT*ΔVIN
Line Regulation4
VIN = VOUT + 1V to 5.0 V
0.09
%/V
ΔVOUT(Line)
Dynamic Line Regulation
IOUT = 300mA, VIN = VOUT + 1 to
VOUT + 2, TR/TF = 2μs
5.0
mV
ΔVOUT(Load)
Dynamic Load Regulation
IOUT = 1mA to 300mA, TR < 5μs60
mV
VEN(L)
Enable Threshold Low
0.6
V
VEN(H)
Enable Threshold High
1.5
V
VPOK
Power OK Trip Threshold
VOUT Rising, TA = 25°C
90
94
98
% of VOUT
VPOKHYS
Power OK Hysteresis
1.0
% of VOUT
VPOK(LO)
Power OK Output Voltage Low
ISINK = 1mA
0.4
V
IPOK
POK Output Leakage Current
VPOK < 5.5V, VOUT in Regulation
1.0
μA
IOUT
Output Current
VOUT > 1.2V
300
mA
ISC
Short-Circuit Current
VOUT < 0.4V
600
mA
IQ
Ground Current
VIN = 5V, No Load; EN A = VIN
70
125
μA
ISD
Shutdown Current
VIN = 5V, EN A = 0V
1.0
μA
PSRR
Power Supply Rejection Ratio
IOUT =10mA
1kHz
65
dB
10kHz
45
1MHz
42
TSD
Over-Temperature Shutdown
Threshold
145
°C
THYS
Over-Temperature Shutdown
Hysteresis
12
°C
eN
Output Noise
eNBW = 300Hz to 50kHz
250
μVRMS
TC
Output Voltage Temperature
Coefficient
22
ppm/°C
1. The AAT3242 is guaranteed to meet performance specifications over the -40°C to +85°C operating temperature range and is assured by design, characterization, and correla-
tion with statistical process controls.
2. VDO is defined as VIN - VOUT when VOUT is 98% of nominal.
3. For VOUT < 2.1V, VDO = 2.5 - VOUT.
4. CIN = 10μF.
5. To calculate minimum input voltage, use the following equation: VIN(MIN) = VOUT(MAX) + VDO(MAX) as long as VIN ≥ 2.5V.


Similar Part No. - AAT3242ITP-SG-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242ITP-SG-T1 ANALOGICTECH-AAT3242ITP-SG-T1 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242ITP-SG-T1 AAT-AAT3242ITP-SG-T1 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results

Similar Description - AAT3242ITP-SG-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
   300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com