Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3242ITP-QQ-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3242ITP-QQ-T1
Description  300mA/150mA Dual CMOS LDO Linear Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3242ITP-QQ-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3242ITP-QQ-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3242ITP-QQ-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3242ITP-QQ-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3242ITP-QQ-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3242ITP-QQ-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3242ITP-QQ-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3242ITP-QQ-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3242ITP-QQ-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3242ITP-QQ-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AAT3242
300mA/150mA Dual CMOS LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
10
3242.2008.08.1.11
www .analogictech.com
lator output operation, ceramic capacitors are recom-
mended for CIN due to their inherent capability over
tantalum capacitors to withstand input current surges
from low impedance sources such as batteries in porta-
ble devices.
Output Capacitor
For proper load voltage regulation and operational stabil-
ity, a capacitor is required between pins VOUT and GND.
The COUT capacitor connection to the LDO regulator
ground pin should be made as direct as practically pos-
sible for maximum device performance. The AAT3242
has been specifically designed to function with very low
ESR ceramic capacitors. For best performance, ceramic
capacitors are recommended.
Typical output capacitor values for maximum output cur-
rent conditions range from 1μF to 10μF.
Applications utilizing the exceptionally low output noise
and optimum power supply ripple rejection characteris-
tics of the AAT3242 should use 2.2μF or greater for COUT.
If desired, COUT may be increased without limit. In low
output current applications where output load is less
than 10mA, the minimum value for COUT can be as low as
0.47μF.
Capacitor Characteristics
Ceramic composition capacitors are highly recommended
over all other types of capacitors for use with the
AAT3242. Ceramic capacitors offer many advantages
over their tantalum and aluminum electrolytic counter-
parts. A ceramic capacitor typically has very low ESR, is
lower cost, has a smaller PCB footprint, and is non-
polarized. Line and load transient response of the LDO
regulator is improved by using low ESR ceramic capaci-
tors. Since ceramic capacitors are non-polarized, they
are not prone to incorrect connection damage.
Equivalent Series Resistance
ESR is a very important characteristic to consider when
selecting a capacitor. ESR is the internal series resistance
associated with a capacitor that includes lead resistance,
internal connections, size and area, material composi-
tion, and ambient temperature. Typically, capacitor ESR
is measured in milliohms for ceramic capacitors and can
range to more than several ohms for tantalum or alumi-
num electrolytic capacitors.
Ceramic Capacitor Materials
Ceramic capacitors less than 0.1μF are typically made
from NPO or C0G materials. NPO and C0G materials gen-
erally have tight tolerance and are very stable over tem-
perature. Larger capacitor values are usually composed
of X7R, X5R, Z5U, or Y5V dielectric materials. These two
material types are not recommended for use with LDO
regulators since the capacitor tolerance can vary more
than ±50% over the operating temperature range of the
device. A 2.2μF Y5V capacitor could be reduced to 1μF
over temperature; this could cause problems for circuit
operation. X7R and X5R dielectrics are much more desir-
able. The temperature tolerance of X7R dielectric is bet-
ter than ±15%. Capacitor area is another contributor to
ESR. Capacitors which are physically large in size will
have a lower ESR when compared to a smaller sized
capacitor of an equivalent material and capacitance
value. These larger devices can improve circuit transient
response when compared to an equal value capacitor in
a smaller package size. Consult capacitor vendor
datasheets carefully when selecting capacitors for LDO
regulators.
POK Output
The AAT3242 features integrated Power OK comparators
which can be used as an error flag. The POK open drain
output goes low when output voltage is 6% (typ) below
its nominal regulation voltage. Additionally, any time one
of the regulators is in shutdown, the respective POK out-
put is pulled low. Connect a pull-up resistor from POKA
to OUTA, and POKB to OUTB.
Enable Function
The AAT3242 features an LDO regulator enable/disable
function. Each LDO has its own dedicated enable pin.
These pins (EN) are active high and are compatible with
CMOS logic. To assure the LDO regulators will switch on,
ENA/B must be greater than 1.6V. The LDO regulators
will shut down when the voltage on the ENA/B pins falls
below 0.6V. In shutdown, the AAT3242 will consume less
than 1.0μA of current. If the enable function is not
needed in a specific application, it may be tied to VIN to
keep the LDO regulator in a continuously on state.
When the LDO regulators are in shutdown mode, an
internal 20Ω resistor is connected between VOUT and
GND. This is intended to discharge COUT when the LDO
regulators are disabled. The internal 20Ω has no adverse
effects on device turn-on time.


Similar Part No. - AAT3242ITP-QQ-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242ITP-QQ-T1 ANALOGICTECH-AAT3242ITP-QQ-T1 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242ITP-QQ-T1 AAT-AAT3242ITP-QQ-T1 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
More results

Similar Description - AAT3242ITP-QQ-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3242 AAT-AAT3242 Datasheet
265Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
Advanced Analogic Techn...
AAT3244 ANALOGICTECH-AAT3244 Datasheet
824Kb / 15P
   300mA Adjustable Dual CMOS Low Voltage LDO Linear Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
Orister Corporation
RS7206 ORISTER-RS7206 Datasheet
1Mb / 16P
   300mA CMOS LDO Linear Regulator with Enable
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217 Datasheet
266Kb / 10P
   150mA CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5168 SEAWARD-SE5168 Datasheet
215Kb / 8P
   150mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6217 CATALYST-CAT6217_08 Datasheet
274Kb / 10P
   150mA CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com