Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3518 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3518
Description  Micropower 關P Reset with Watchdog Timer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3518 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3518 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3518 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3518 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3518 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3518 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3518 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3518 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3518 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3518 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AAT3510/1/2/3/4/5/6/7/8/9
Micropower µP Reset with Watchdog Timer
4
3510.2006.03.1.7
Electrical Characteristics
V
CC = 2.5V to 5.5V, TA = -40°C to +85°C
1, unless otherwise noted. Typical values are at T
A = 25°C.
Symbol Description
Conditions
Min
Typ
Max
Units
V
CC
Operating Voltage Range
T
A = -40°C to +85°C
1
5.5
V
AAT3510/1/2/3/4/7/8:
V
CC = 3.6V
5
15
MR & WDI Unconnected V
CC = 5.5V
6
18
I
CC
Supply Current
AAT3515/6/9:
V
CC = 3.6V
15
µA
MR Unconnected
V
CC = 5.5V
18
V
TH
Reset Threshold Voltage
T
A = 25°C
V
THNOM-1.5%
V
TH
V
THNOM+1.5%
V
T
A = -40 to +85°C
V
THNOM-2.5%
V
TH
V
THNOM+2.5%
T
C
Reference Voltage
-40°C < T
A < +85°C
±40
ppm/°C
Temperature Coefficient
AAT351xIGV-xx-A-x-T1
1
1.4
2
t
RP
Reset Active Timeout
AAT351xIGV-xx-B-x-T1
20
28
40
ms
Period
AAT351xIGV-xx-C-x-T1
140
200
280
T
RD
V
CC to RESET Delay
V
CC Falling at 1mV/µs
40
µs
Push/Pull RESET Output (AAT3510, 3512, 3513, 3514, 3515, 3516, 3518, 3519)
V
CC ≥ 1.0V, ISINK = 50µA
0.3
V
CC ≥ 1.2V, ISINK = 100µA
0.3
V
OL
RESET Low Output Voltage
V
CC ≥ 2.7V, ISINK = 1.2mA
0.3
V
V
CC ≥ 4.5V, ISINK = 3.2mA
0.4
V
OH
RESET High Output Voltage
V
CC ≥ 2.7V, ISOURCE = 500µA
0.8 x V
CC
V
V
CC ≥ 4.5V, ISOURCE = 800µA
V
CC - 1.5
V
CC ≥ 2.7V, ISINK = 1.2mA
0.3
RESET Low Output Voltage
V
CC ≥ 4.5V, ISINK = 3.2mA
0.4
V
OH
V
CC ≥ 1.8V, ISOURCE = 150µA
0.8 x V
CC
V
RESET High Output Voltage V
CC ≥ 2.7V, ISOURCE = 500µA
0.8 x V
CC
V
CC ≥ 4.5V, ISOURCE = 800µA
V
CC - 1.5
Bidirectional RESET Output (AAT3511, 3514, 3516)
t
S
Transition Flip-Flop Setup
400
ns
Time
2
V
CC = 3.0V, CL = 120pF
333
t
R
RESET Output Rise Time
3
V
CC = 5.0V, CL = 200pF
333
ns
V
CC = 3.0V, CL = 250pF
666
V
CC = 5.0V, CL = 400pF
666
Active Pull-Up Enable
V
CC = 5.0V
0.4
0.65
V
Threshold
V
PTH
RESET Active Pull-Up
V
CC = 5.0V
20
mA
Current
RESET Pull-Up Resistance
4.2
4.7
5.2
k
1. Over-temperature limits are guaranteed by design, not production tested.
2. This is the minimum time RESET must be held low by an external pull-down source to set the active pull-up flip-flop.
3. Measured from RESET V
OL to (0.8 x VCC), open circuit output.


Similar Part No. - AAT3518

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3518 AAT-AAT3518 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3518IGV-2.63-A-A-T1 ANALOGICTECH-AAT3518IGV-2.63-A-A-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
AAT3518IGV-2.63-A-B-T1 ANALOGICTECH-AAT3518IGV-2.63-A-B-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
AAT3518IGV-2.63-B-A-T1 ANALOGICTECH-AAT3518IGV-2.63-B-A-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
AAT3518IGV-2.63-B-B-T1 ANALOGICTECH-AAT3518IGV-2.63-B-B-T1 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
More results

Similar Description - AAT3518

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Maxim Integrated Produc...
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com