Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1910 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA1910
Description  10W AUDIO AMPLIFIER WITH MUTING
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1910 Datasheet(HTML) 4 Page - STMicroelectronics

  TDA1910_03 Datasheet HTML 1Page - STMicroelectronics TDA1910_03 Datasheet HTML 2Page - STMicroelectronics TDA1910_03 Datasheet HTML 3Page - STMicroelectronics TDA1910_03 Datasheet HTML 4Page - STMicroelectronics TDA1910_03 Datasheet HTML 5Page - STMicroelectronics TDA1910_03 Datasheet HTML 6Page - STMicroelectronics TDA1910_03 Datasheet HTML 7Page - STMicroelectronics TDA1910_03 Datasheet HTML 8Page - STMicroelectronics TDA1910_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4/15
Symbol
Parameter
Value
Unit
Rth j-case
Thermal resistance junction-case
max
3
°C/W
THERMAL DATA
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vs
Supply voltage
8
30
V
Vo
Quiescent output voltage
Vs = 18V
Vs = 24V
8.3
11.5
9.2
12.4
10
13.4
V
Id
Quiescent drain current
Vs = 18V
Vs = 24V
19
21
32
35
mA
VCE sat
Output stage saturation voltage
IC = 2A
1
V
IC = 3A
1.6
Po
Output power
d = 0.5%
Vs = 18V
Vs = 24V
Vs = 24V
f = 40 to 15,000Hz
RL= 4
RL = 4
RL = 8
6.5
10
7
7
12
7.5
W
d = 10%
Vs = 18V
Vs = 24V
Vs = 24V
f = 1 KHz
RL = 4
RL = 4
RL = 8
8.5
15
9
9.5
17
10
d
Harmonic distortion
f = 40 to 15,000 Hz
Vs = 18V
RL = 4
Po = 50 mW to 6.5W
Vs = 24V
RL = 4
Po = 50 mW to 10W
Vs = 24V
RL = 8
Po = 50 mW to 7W
0.2
0.2
0.2
0.5
0.5
0.5
%
d
Intermodulation distortion
Vs = 24V
RL = 4
Po = 10W
f1 = 250 Hz
f2 = 8 KHz
(DIN 45500)
0.2
%
Vi
Input sensitivity
F = 1 KHz,
Vs = 18V
vs = 24V
Vs = 24V
RL = 4
RL = 4
RL = 8
Po = 7 W
Po = 12 W
Po = 7.5W
170
220
245
mV
Vi
Input saturation voltage (rms)
Vs = 18V
Vs = 24V
1.8
2.4
V
Ri
Input resistance (pin 5)
f = 1 KHz
60
100
K
Id
Drain current
Vs = 24V
f = 1 KHz
RL = 4
Po = 12W
RL = 8
Po = 7.5W
820
475
mA
ELECTRICAL CHARACTERISTICS (Refer to the test circuit, Tamb = 25
°C, Rth (heatsink) = 4°C/W, unless
otherwise specified)
TDA1910


Similar Part No. - TDA1910_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1910HS STMICROELECTRONICS-TDA1910HS Datasheet
196Kb / 14P
   10W AUDIO AMPLIFIER WITH MUTING
More results

Similar Description - TDA1910_03

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910 Datasheet
196Kb / 14P
   10W AUDIO AMPLIFIER WITH MUTING
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
   5W AUDIO AMPLIFIER WITH MUTING
logo
KODENSHI_AUK CORP.
KKA2003 KODENSHI-KKA2003 Datasheet
139Kb / 3P
   10W AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
TDA2003 YOUDA-TDA2003 Datasheet
158Kb / 3P
   10W AUDIO AMPLIFIER
logo
Integral Corp.
ILA2003 INTEGRAL-ILA2003 Datasheet
157Kb / 4P
   10W AUDIO AMPLIFIER
logo
NTE Electronics
NTE7000 NTE-NTE7000 Datasheet
32Kb / 4P
   Integrated Circuit 5W Audio Amplifier with Muting
logo
STMicroelectronics
TDA7245 STMICROELECTRONICS-TDA7245 Datasheet
200Kb / 11P
   5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Princeton Technology Co...
PT2830 PTC-PT2830 Datasheet
231Kb / 5P
   10W Stereo Integrated Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com