Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA1910 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA1910
Description  10W AUDIO AMPLIFIER WITH MUTING
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA1910 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA1910 Datasheet HTML 6Page - STMicroelectronics TDA1910 Datasheet HTML 7Page - STMicroelectronics TDA1910 Datasheet HTML 8Page - STMicroelectronics TDA1910 Datasheet HTML 9Page - STMicroelectronics TDA1910 Datasheet HTML 10Page - STMicroelectronics TDA1910 Datasheet HTML 11Page - STMicroelectronics TDA1910 Datasheet HTML 12Page - STMicroelectronics TDA1910 Datasheet HTML 13Page - STMicroelectronics TDA1910 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10/15
MUTING FUNCTION
The output signal can be inhibited applying a DC voltage VT to pin 11, as shown in fig. 28
Figure 28
The input resistance at pin 1 depends on the threshold voltage VT at pin 11 and is typically.
R1 = 200 K
Ω @ 1.9V ≤ VT ≤ 4.7V
muting-off
R1 =
10
@
0V
≤ VT ≤ 1.3V
muting-on
6V
≤ VT ≤ Vs
Referring to the following input stage, the possible attenuation of the input signal and therefore of the output
signal can be found using the following expression.
AT
=
Vi
V5
=
Rg
+ R5 ⁄ ⁄ R1
R5
⁄ ⁄ R1
where R5
≅ 100 KΩ
Considering Rg = 10 K
Ω the attenuation in the
muting-on condition is typically AT = 60 dB. In the
muting-off condition, the attenuation is very low,
typically 1.2 dB.
A very low current is necessary to drive the thresh-
old voltage VT because the input resistance at pin
11 is greater than 150 K
Ω. The muting function can
be used in many cases, when a temporary inhibition
of the output signal is requested, for example:
- in switch-on condition, to avoid preamplifier
power-on transients (see fig. 27)
- during commutations at the input stages.
- during the receiver tuning.
The variable impedance capability at pin 1 can be
useful in many applications and we have shown 2
examples in fig. 22 and 24, where it has been used
to change the feedback network, obtaining 2 differ-
ent frequency responses.
TDA1910


Similar Part No. - TDA1910

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910 Datasheet
196Kb / 14P
   10W AUDIO AMPLIFIER WITH MUTING
TDA1910HS STMICROELECTRONICS-TDA1910HS Datasheet
196Kb / 14P
   10W AUDIO AMPLIFIER WITH MUTING
More results

Similar Description - TDA1910

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA1910 STMICROELECTRONICS-TDA1910 Datasheet
196Kb / 14P
   10W AUDIO AMPLIFIER WITH MUTING
TDA1905 STMICROELECTRONICS-TDA1905 Datasheet
215Kb / 14P
   5W AUDIO AMPLIFIER WITH MUTING
logo
KODENSHI_AUK CORP.
KKA2003 KODENSHI-KKA2003 Datasheet
139Kb / 3P
   10W AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
TDA2003 YOUDA-TDA2003 Datasheet
158Kb / 3P
   10W AUDIO AMPLIFIER
logo
Integral Corp.
ILA2003 INTEGRAL-ILA2003 Datasheet
157Kb / 4P
   10W AUDIO AMPLIFIER
logo
NTE Electronics
NTE7000 NTE-NTE7000 Datasheet
32Kb / 4P
   Integrated Circuit 5W Audio Amplifier with Muting
logo
STMicroelectronics
TDA7245 STMICROELECTRONICS-TDA7245 Datasheet
200Kb / 11P
   5W AUDIO AMPLIFIER WITH MUTING AND STAND-BY
logo
Unisonic Technologies
UTCTDA2003 UTC-UTCTDA2003 Datasheet
72Kb / 8P
   10W CAR RADIO AUDIO AMPLIFIER
logo
STMicroelectronics
E-TDA2003V STMICROELECTRONICS-E-TDA2003V Datasheet
301Kb / 10P
   10W CAR RADIO AUDIO AMPLIFIER
logo
Princeton Technology Co...
PT2830 PTC-PT2830 Datasheet
231Kb / 5P
   10W Stereo Integrated Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com