Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP210NF02 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP210NF02
Description  N-CHANNEL 20V - 0.0026 ohm - 120A D짼PAK/I짼PAK/TO-220 STripFET??II POWER MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP210NF02 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP210NF02 Datasheet HTML 6Page - STMicroelectronics STP210NF02 Datasheet HTML 7Page - STMicroelectronics STP210NF02 Datasheet HTML 8Page - STMicroelectronics STP210NF02 Datasheet HTML 9Page - STMicroelectronics STP210NF02 Datasheet HTML 10Page - STMicroelectronics STP210NF02 Datasheet HTML 11Page - STMicroelectronics STP210NF02 Datasheet HTML 12Page - STMicroelectronics STP210NF02 Datasheet HTML 13Page - STMicroelectronics STP210NF02 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
STB210NF02/-1 STP210NF02
10/14
DIM.
mm.
inch.
MIN.
TYP.
MAX.
MIN.
TYP.
TYP.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.7
0.93
0.028
0.037
B2
1.14
1.7
0.045
0.067
C
0.45
0.6
0.018
0.024
C2
1.21
1.36
0.048
0.054
D
8.95
9.35
0.352
0.368
D1
8
0.315
E
10
10.4
0.394
0.409
E1
8.5
0.334
G
4.88
5.28
0.192
0.208
L
15
15.85
0.591
0.624
L2
1.27
1.4
0.050
0.055
L3
1.4
1.75
0.055
0.069
M
2.4
3.2
0.094
0.126
R
0.4
0.016
V2
D²PAK MECHANICAL DATA


Similar Part No. - STP210NF02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP210N75F6 STMICROELECTRONICS-STP210N75F6 Datasheet
693Kb / 13P
   N-channel 75 V, 3 m廓, 120 A TO-220 STripFET??VI DeepGATE??Power MOSFET
More results

Similar Description - STP210NF02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP200NF03 STMICROELECTRONICS-STP200NF03 Datasheet
557Kb / 14P
   N-CHANNEL 30V - 0.0032 ohm - 120A D짼PAK/I짼PAK/TO-220 STripFET??II POWER MOSFET
STB100NF03L-03 STMICROELECTRONICS-STB100NF03L-03 Datasheet
393Kb / 11P
   N-CHANNEL 30V - 0.0026 W -100A D짼PAK/I짼PAK/TO-220 STripFET??II POWER MOSFET
STB150NF55 STMICROELECTRONICS-STB150NF55 Datasheet
551Kb / 14P
   N-CHANNEL 55V - 0.005 ohm -120A D짼PAK/TO-220/TO-247 STripFET??II POWER MOSFET
October 2002
STB75NF75 STMICROELECTRONICS-STB75NF75 Datasheet
473Kb / 11P
   N-CHANNEL 75V - 0.0095 ohm - 80A TO-220/TO-220FP/D짼PAK STripFET??II POWER MOSFET
STB140NF75 STMICROELECTRONICS-STB140NF75 Datasheet
541Kb / 18P
   N-CHANNEL 75V - 0.0065 ohm -120A DPAK/IPAK/TO-220 STripFET II POWER MOSFET
STP120NF04 STMICROELECTRONICS-STP120NF04 Datasheet
296Kb / 11P
   N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
STP120NF04 STMICROELECTRONICS-STP120NF04_06 Datasheet
303Kb / 14P
   N-channel 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
STB160NF3LL STMICROELECTRONICS-STB160NF3LL Datasheet
174Kb / 7P
   N-CHANNEL 30V - 0.0026 ohm - 160A D2PAK STripFET??II POWER MOSFET
May 2002
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
   N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
STB55NF06 STMICROELECTRONICS-STB55NF06 Datasheet
485Kb / 12P
   N-CHANNEL 60V - 0.015 ohm - 50A TO-220/TO-220FP/I PAK/D짼PAK STripFET??II POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com