Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GDXYY Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # GDXYY
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

GDXYY Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  GDXYY Datasheet HTML 1Page - Advanced Analogic Technologies GDXYY Datasheet HTML 2Page - Advanced Analogic Technologies GDXYY Datasheet HTML 3Page - Advanced Analogic Technologies GDXYY Datasheet HTML 4Page - Advanced Analogic Technologies GDXYY Datasheet HTML 5Page - Advanced Analogic Technologies GDXYY Datasheet HTML 6Page - Advanced Analogic Technologies GDXYY Datasheet HTML 7Page - Advanced Analogic Technologies GDXYY Datasheet HTML 8Page - Advanced Analogic Technologies GDXYY Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
4
3221.2007.11.1.12
www .analogictech.com
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
PowerLinearTM
PRODUCT DATASHEET
4
3221.2007.11.1.12
www .analogictech.com
Electrical Characteristics
VIN = VOUT(NOM) + 1V, IOUT = 1mA, COUT = 1μF, TA = 25°C, unless otherwise noted.
Symbol
Description
Conditions
Min
Typ
Max
Units
VOUT
DC Output Voltage Tolerance
-2.0
2.0
%
IOUT
Output Current
VOUT > 1.2V
150
mA
ISC
Short-Circuit Current
VOUT < 0.4V
350
mA
IQ
Ground Current
VIN = 5V, No Load
1.1
2.5
μA
ISD
Shutdown Current
EN = Inactive
20
nA
ΔVOUT/VOUT*ΔVIN
Line Regulation
VIN = 4.0V to 5.5V
0.15
0.4
%/V
ΔVOUT/VOUT
Load Regulation
IL = 1 to 100mA
VOUT = 1.5
1.3
1.72
%
VOUT = 1.6
1.2
1.69
VOUT = 1.7
1.1
1.67
VOUT = 1.8
1.0
1.65
VOUT = 1.9
1.0
1.62
VOUT = 2.0
0.9
1.58
VOUT = 2.3
0.8
1.45
VOUT = 2.4
0.8
1.40
VOUT = 2.5
0.8
1.35
VOUT = 2.6
0.8
1.30
VOUT = 2.7
0.7
1.25
VOUT = 2.8
0.7
1.20
VOUT = 2.85
0.7
1.20
VOUT = 2.9
0.7
1.18
VOUT = 3.0
0.6
1.15
VOUT = 3.1
0.6
1.06
VOUT = 3.3
0.5
1.00
VOUT = 3.5
0.5
1.00
VDO
Dropout Voltage1, 2
IOUT = 100mA
VOUT = 2.3
230
275
mV
VOUT = 2.4
220
265
VOUT = 2.5
210
255
VOUT = 2.6
205
247
VOUT = 2.7
200
240
VOUT = 2.8
190
235
VOUT = 2.85
190
230
VOUT = 2.9
190
228
VOUT = 3.0
190
225
VOUT = 3.1
188
222
VOUT = 3.3
180
220
VOUT = 3.5
180
220
VEN(L)
EN Input Low Voltage
0.8
V
VEN(H)
EN Input High Voltage
VIN = 2.7V to 3.6V
2.0
V
VIN = 5V
2.4
IEN(SINK)
EN Input Leakage
VON = 5.5V
0.01
1
μA
PSRR
Power Supply Rejection Ratio
100Hz
50
dB
TSD
Over-Temperature Shutdown Threshold
140
°C
THYS
Over-Temperature Shutdown Hysteresis
20
°C
eN
Output Noise
350
μVRMS
TC
Output Voltage Temperature Coefficient
80
PPM/°C
1. VDO is defined as VIN - VOUT when VOUT is 98% of nominal.
2. For VOUT < 2.3V, VDO = 2.5V - VOUT.


Similar Part No. - GDXYY

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GDX GOLLEDGE-GDX Datasheet
60Kb / 1P
   Crystals for Dallas Semiconductors
logo
Kycon, Inc.
GDX KYCON-GDX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
logo
Golledge Electronics Lt...
GDX-1 GOLLEDGE-GDX-1 Datasheet
60Kb / 1P
   Crystals for Dallas Semiconductors
GDX-1 GOLLEDGE-GDX-1 Datasheet
530Kb / 4P
   Watch Crystal for Dallas Semiconductors
GDX-1 GOLLEDGE-GDX-1_16 Datasheet
109Kb / 1P
   Crystals for Dallas Semiconductors
More results

Similar Description - GDXYY

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221 Datasheet
390Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com